Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD54008 Datasheet(PDF) 4 Page - STMicroelectronics

Part # XPD54008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD54008 Datasheet(HTML) 4 Page - STMicroelectronics

  XPD54008 Datasheet HTML 1Page - STMicroelectronics XPD54008 Datasheet HTML 2Page - STMicroelectronics XPD54008 Datasheet HTML 3Page - STMicroelectronics XPD54008 Datasheet HTML 4Page - STMicroelectronics XPD54008 Datasheet HTML 5Page - STMicroelectronics XPD54008 Datasheet HTML 6Page - STMicroelectronics XPD54008 Datasheet HTML 7Page - STMicroelectronics XPD54008 Datasheet HTML 8Page - STMicroelectronics XPD54008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PD54008 - PD54008S
4/10
Output Power vs. Input Power
0
0.5
1
1.5
2
2.5
Pin, INPUT POWER (W)
0
2
4
6
8
10
VDD=7.5 V
IDQ = 150 mA
480 MHz
500MHz
520 MHz
Power Gain vs. Output Power
0
12345
67
89
10
Pout, OUTPUT POWER (W)
4
6
8
10
12
14
VDD= 7.5V
IDQ=150mA
480MHz
500MHz
520MHz
Drain Efficiency vs. Output Power
01
2
3
4
567
89
10
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
VDD= 7.5V
IDQ=150mA
480MHz
500MHz
520MHz
Return Loss vs. Output Power
0
123
45
67
8
9
10
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
VDD=7.5 V
IDQ= 150 mA
480 MHz
500 MHz
520 MHz
Output Power vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
0
2
4
6
8
10
12
VDD=7.5 V
PIN=1 W
480MHz
500MHz
520MHz
Drain Efficiency vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
30
40
50
60
70
480MHz
500MHz
520MHz
VDD = 7.5V
PIN=1W
TYPICAL PERFORMANCE
PD54008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com