Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE60-100 Datasheet(PDF) 1 Page - FLEXTRAL

Part # PE60-100
Description  PE60 Diesel Exhaust Fluid (DEF)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

PE60-100 Datasheet(HTML) 1 Page - FLEXTRAL

  PE60-100 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE60 Diesel Exhaust Fluid (DEF)
www.
.com
V04.21
Application:
A lightweight hose for dispensing pump applications. Designed specifically for diesel exhaust
fluid (DEF), this flexible, ozone and abrasion resistant hose has been tested and certified ISO-
22241. PE60 is also resistant to oil, diesel, Ad-Blue, and DEF.
Construction:
Tube - Special formulated PU
Reinforcement - Synthetic yarn
Cover - Specially blended TPR
Branding - FLEXTRAL PE60-075 3/4” TRU-BLUE DEF HOSE 210 PSI MAX ISO-22241
Temperature Range:
-20ºC to +70ºC (-4ºF to +158ºF)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
PE60-050
Z\x
0.75
210
0.20
200’
PE60-075
C\v
1.03
210
0.24
200’
PE60-100
1
1.38
210
0.42
200’
• Clean Certified DEF Assemblies Available.


Similar Part No. - PE60-100

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE60 EDI-PE60 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
PE60 VISHAY-PE60 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
PE60 VISHAY-PE60 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
PE60 VISHAY-PE60 Datasheet
126Kb / 5P
Power Panel 6 W Potentiometer
22-Sep-15
More results

Similar Description - PE60-100

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
FN-1282 BUD-FN-1282 Datasheet
56Kb / 1P
10 EXHAUST FAN
logo
Festo Corporation.
4616 FESTO-4616 Datasheet
80Kb / 1P
Quick exhaust valve
4/11/22
6753 FESTO-6753 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
6822 FESTO-6822 Datasheet
88Kb / 1P
Quick exhaust valve
4/11/22
9688 FESTO-9688 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
9798 FESTO-9798 Datasheet
78Kb / 1P
Quick exhaust valve
4/11/22
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
547532 FESTO-547532 Datasheet
93Kb / 1P
Quick exhaust valve
4/11/22
547533 FESTO-547533 Datasheet
95Kb / 1P
Quick exhaust valve
4/11/22
548002 FESTO-548002 Datasheet
94Kb / 1P
Quick exhaust valve
4/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com