Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC860DP Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC860DP
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860DP Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC860DP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC860DP Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
18
Freescale Semiconductor
Bus Signal Timing
B29d
WE(0:3) negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT = 1,
EBDF = 0
43.45
—
35.5
—
28.00
—
20.73
—
ns
B29e
CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 0
43.45
—
35.5
—
28.00
—
29.73
—
ns
B29f
WE(0:3) negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT = 1,
EBDF = 1
8.86
—
6.88
—
5.00
—
3.18
—
ns
B29g
CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
8.86
—
6.88
—
5.00
—
3.18
—
ns
B29h
WE(0:3) negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT = 1,
EBDF = 1
38.67
—
31.38
—
24.50
—
17.83
—
ns
B29i
CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
38.67
—
31.38
—
24.50
—
17.83
—
ns
B30
CS, WE(0:3) negated to A(0:31),
BADDR(28:30) invalid GPCM write access 8
5.58
—
4.25
—
3.00
—
1.79
—
ns
B30a
WE(0:3) negated to A(0:31), BADDR(28:30)
invalid GPCM, write access, TRLX = 0,
CSNT = 1, CS negated to A(0:31) invalid
GPCM write access, TRLX = 0, CSNT = 1
ACS = 10, or ACS = 11, EBDF = 0
13.15
—
10.50
—
8.00
—
5.58
—
ns
B30b
WE(0:3) negated to A(0:31), invalid GPCM
BADDR(28:30) invalid GPCM write access,
TRLX = 1, CSNT = 1. CS negated to
A(0:31), Invalid GPCM, write access,
TRLX = 1, CSNT = 1, ACS = 10, or
ACS = 11, EBDF = 0
43.45
—
35.50
—
28.00
—
20.73
—
ns
B30c
WE(0:3) negated to A(0:31), BADDR(28:30)
invalid GPCM write access, TRLX = 0,
CSNT = 1. CS negated to A(0:31) invalid
GPCM write access, TRLX = 0, CSNT = 1,
ACS = 10, ACS = 11, EBDF = 1
8.36
—
6.38
—
4.50
—
2.68
—
ns
B30d
WE(0:3) negated to A(0:31), BADDR(28:30)
invalid GPCM write access, TRLX = 1,
CSNT =1. CS negated to A(0:31) invalid
GPCM write access TRLX = 1, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
38.67
—
31.38
—
24.50
—
17.83
—
ns
B31
CLKOUT falling edge to CS valid—as
requested by control bit CST4 in the
corresponding word in UPM
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com