Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KE15CA Datasheet(PDF) 6 Page - STMicroelectronics

Part # P6KE15CA
Description  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE15CA Datasheet(HTML) 6 Page - STMicroelectronics

  P6KE15CA Datasheet HTML 1Page - STMicroelectronics P6KE15CA Datasheet HTML 2Page - STMicroelectronics P6KE15CA Datasheet HTML 3Page - STMicroelectronics P6KE15CA Datasheet HTML 4Page - STMicroelectronics P6KE15CA Datasheet HTML 5Page - STMicroelectronics P6KE15CA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Packaging : standard packaging is in tape and reel.
PACKAGE MECHANICAL DATA
CB417 (Plastic)
CA
B
O
/
O
/ D
O
/ D
C
ORDER CODE
P6
KE
100
C
A
RL
PACKAGING:
= Ammopack tape
RL = Tape and reel.
REF.
DIMENSIONS
Millimetres
Inches
Min.
Max.
Min.
Max.
A
8.89
0.350
B
3.683
0.145
C
25.4
1.000
D
1.092
0.043
Weight = 0.65 g.
600 W
BREAKDOWN VOLTAGE
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
BIDIRECTIONAL
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
P6KExx
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com