Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD54008S Datasheet(PDF) 7 Page - STMicroelectronics

Part # XPD54008S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD54008S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button XPD54008S Datasheet HTML 2Page - STMicroelectronics XPD54008S Datasheet HTML 3Page - STMicroelectronics XPD54008S Datasheet HTML 4Page - STMicroelectronics XPD54008S Datasheet HTML 5Page - STMicroelectronics XPD54008S Datasheet HTML 6Page - STMicroelectronics XPD54008S Datasheet HTML 7Page - STMicroelectronics XPD54008S Datasheet HTML 8Page - STMicroelectronics XPD54008S Datasheet HTML 9Page - STMicroelectronics XPD54008S Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
PD54008 - PD54008S
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
B1,B2
FERRITE BEAD
R2
1,0k
Ω, 1W CHIP RESISTOR
C1,C14
300pF, 100 mil CHIP CAPACITOR
R3
33 k
Ω, 1W CHIP RESISTOR
C2,C3,C4,C11,
C12,C13
1 TO 20 pF TRIMMER CAPACITOR
Z1
0.471” X 0.080” MICROSTRIP
C6,C18
pF 100 mil CHIP CAP
Z2
1.082” X 0.080” MICROSTRIP
C9,C15
10
µF, 50V ELECTROLYTIC
CAPACITOR
Z3
0.372” X 0.080” MICROSTRIP
C8,C16
0.1mF, 100 mil CHIP CAP
Z4,Z5
0.260” X 0.223” MICROSTRIP
C7,C17
1,000pF 100 mil CHIP CAP
Z6
0.050” X 0.080” MICROSTRIP
C5, C10
33pF, 100 mil CHIP CAP
Z7
0.551” X 0.080” MICROSTRIP
L1
56nH, 7 TURN, COILCRAFT
Z8
0.825” X 0.080” MICROSTRIP
N1,N2
TYPE N FLANGE MOUNT
Z9
0.489” X 0.080” MICROSTRIP
R1
15
Ω, 1W CHIP RESISTOR
BOARD
ROGER, ULTRA LAM 2000
THK 0.030”
ε
r=2.55
2oz ED Cu 2 SIDES



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com