Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5846AP Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5846AP
Description  Multi-function Digital Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5846AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —13
PIN DESCRIPTION
Number
Name
I/O1
1. Ip = input pin with pull-up resistor, I = input, O = output
Description
1
DIN
Ip
Data input
2
BCKI
Ip
Bit clock input
3
VDD1
–
5V supply voltage
4
DITH
Ip
Dither ON/OFF control
5
CKEN
Ip
Crystal oscillator operation enable
6
XTI
I
Crystal oscillator input/external clock input
7
XTO
O
Crystal oscillator output
8
VSS1
–
Ground
9
CKO
O
Master clock output
10
CKS
Ip
Master clock input frequency select
11
ASEL2/MDCK
Ip
Operating mode select/microprocessor interface clock input
12
HS/MDT
Ip
Operating mode select/microprocessor interface data input
13
SYNC/MDLE
Ip
Sync mode select/microprocessor interface latch enable input
14
RST
Ip
Reset input
15
LRS
Ip
LR clock polarity select
16
DEEM
Ip
Deemphasis ON/OFF select
17
TEST1
Ip
Test pin 1. Tie HIGH or leave open for normal operation.
18
TEST2
Ip
Test pin 2. Tie LOW for normal operation.
19
OBS
Ip
Output data length select
20
ASEL1
Ip
Operating mode select
21
VSS2
–
Ground
22
VDD2
–
5V supply voltage
23
DOR
O
Right-channel data output
24
DOL
O
Left-channel data output
25
WCKO
O
Word clock output
26
BCKO
O
Output data bit clock output
27
MDS
Ip
Mode set method select
28
LRCI
Ip
LR clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com