Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1LS-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1LS-NZ
Description  1 Watt | DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LS-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM1LS-NZ Datasheet HTML 1Page - AIMTEC AM1LS-NZ Datasheet HTML 2Page - AIMTEC AM1LS-NZ Datasheet HTML 3Page - AIMTEC AM1LS-NZ Datasheet HTML 4Page - AIMTEC AM1LS-NZ Datasheet HTML 5Page - AIMTEC AM1LS-NZ Datasheet HTML 6Page - AIMTEC AM1LS-NZ Datasheet HTML 7Page - AIMTEC AM1LS-NZ Datasheet HTML 8Page - AIMTEC AM1LS-NZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Series AM1LS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R12.N
2 of 9
North America only
REV: 05/19/A
AM1LS-1212SH30-NZ#
10.8-13.2
12
84 / 9
3000
103
15
220
81
AM1LS-1215SH30-NZ#
10.8-13.2
15
67 / 7
3000
103
15
220
81
AM1LS-1224SH30-NZ
10.8-13.2
24
42 / 4
3000
103
15
220
81
AM1LS-1515SH30-NZ
13.5-16.5
15
67 / 7
3000
82
10
220
80
AM1LS-2405SH30-NZ
‡#
21.6-26.4
5
200 / 20
3000
52
7
220
80
AM1LS-2409SH30-NZ
‡#
21.6-26.4
9
111 / 12
3000
52
7
220
80
AM1LS-2415SH30-NZ
‡#
21.6-26.4
15
67 / 7
3000
52
7
220
80
AM1LS-2424SH30-NZ
‡#
21.6-26.4
24
42 / 4
3000
52
7
220
80
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max / Min
(mA)
Isolation
(VDC)
Input Current
Max | No
Load
(mA)
Max
Capacitive
Load(µF)
Efficiency
(%)
AM1LS-0305D-NZ
‡
2.97-3.63
±5
±100 / ±10
1500
415
25
100
78
AM1LS-0312D-NZ
‡
2.97-3.63
±12
±42 / ±5
1500
388
25
100
80
AM1LS-0315D-NZ
‡
2.97-3.63
±15
±33 / ±3
1500
263
20
100
80
AM1LS-0505D-NZ#**
4.5-5.5
±5
±100 / ±10
1500
250
20
1200
82
AM1LS-0509D-NZ#**
4.5-5.5
±9
±56 / ±6
1500
250
20
470
82
AM1LS-0512D-NZ#**
4.5-5.5
±12
±42 / ±5
1500
250
20
220
83
AM1LS-0515D-NZ#**
4.5-5.5
±15
±33 / ±3
1500
250
20
220
83
AM1LS-0524D-NZ#**
4.5-5.5
±24
±21 / ±3
1500
254
30
100
85
AM1LS-1205D-NZ#
10.8-13.2
±5
±100 / ±10
1500
111
15
100
75
AM1LS-1209D-NZ#
10.8-13.2
±9
±56 / ±6
1500
104
15
100
80
AM1LS-1212D-NZ#
10.8-13.2
±12
±42 / ±5
1500
104
15
100
80
AM1LS-1215D-NZ#
10.8-13.2
±15
±33 / ±3
1500
103
15
100
81
AM1LS-1224D-NZ#
10.8-13.2
±24
±21 / ±2
1500
103
15
100
81
AM1LS-1515D-NZ
13.5-16.5
±15
±33 / ±3
1500
103
15
100
81
AM1LS-2405D-NZ
‡#
21.6-26.4
±5
±100 / ±10
1500
83
12
100
82
AM1LS-2409D-NZ
‡#
21.6-26.4
±9
±56 / ±6
1500
52
7
100
82
AM1LS-2412D-NZ
‡#
21.6-26.4
±12
±42 / ±5
1500
52
7
100
82
AM1LS-2415D-NZ
‡#
21.6-26.4
±15
±33 / ±3
1500
51
7
100
82
AM1LS-2424D-NZ
‡#
21.6-26.4
±24
±21 / ±2
1500
51
7
100
82
AM1LS-0305DH30-NZ
‡
2.97-3.63
±5
±100 / ±10
3000
389
25
100
76
AM1LS-0312DH30-NZ
‡
2.97-3.63
±12
±42 / ±5
3000
389
25
100
77
AM1LS-0505DH30-NZ#**
4.5-5.5
±5
±100 / ±10
3000
250
20
1200
82
AM1LS-0509DH30-NZ#**
4.5-5.5
±9
±56 / ±6
3000
250
20
470
83
AM1LS-0512DH30-NZ#**
4.5-5.5
±12
±42 / ±5
3000
250
20
220
83
AM1LS-0515DH30-NZ#**
4.5-5.5
±15
±34 / ±4
3000
250
20
220
83
AM1LS-0524DH30-NZ#**
4.5-5.5
±24
±21 / ±3
3000
254
30
100
85
AM1LS-1205DH30-NZ#
10.8-13.2
±5
±100 / ±10
3000
111
15
100
80
AM1LS-1209DH30-NZ#
10.8-13.2
±9
±56 / ±6
3000
104
15
100
80
AM1LS-1212DH30-NZ#
10.8-13.2
±12
±42 / ±5
3000
104
15
100
81
AM1LS-1215DH30-NZ#
10.8-13.2
±15
±33 / ±3
3000
103
15
100
81
AM1LS-1224DH30-NZ#
10.8-13.2
±24
±21 / ±2
3000
103
15
100
81
AM1LS-1515DH30-NZ
13.5-16.5
±15
±33 / ±3
3000
83
12
100
81
AM1LS-2405DH30-NZ
‡#
21.6-26.4
±5
±100 / ±10
3000
82
10
100
82
AM1LS-2409DH30-NZ
‡#
21.6-26.4
±9
±56 / ±6
3000
52
7
100
82
AM1LS-2412DH30-NZ
‡#
21.6-26.4
±12
±42 / ±5
3000
52
7
100
82
AM1LS-2415DH30-NZ
‡#
21.6-26.4
±15
±33 / ±3
3000
51
7
100
82
AM1LS-2424DH30-NZ
‡#
21.6-26.4
±24
±21 / ±2
3000
51
7
100
82
‡ With Momentary short circuit protection of 1 second
NOTE 1
: Add suffix “TR” to a part number when ordering in tape and reel package
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com