Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1SS-0505SJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1SS-0505SJZ
Description  DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1SS-0505SJZ Datasheet(HTML) 2 Page - AIMTEC

  AM1SS-0505SJZ Datasheet HTML 1Page - AIMTEC AM1SS-0505SJZ Datasheet HTML 2Page - AIMTEC AM1SS-0505SJZ Datasheet HTML 3Page - AIMTEC AM1SS-0505SJZ Datasheet HTML 4Page - AIMTEC AM1SS-0505SJZ Datasheet HTML 5Page - AIMTEC AM1SS-0505SJZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F 052e R4
www.Aimtec.com
2
Rev: 08/21/A
AM1SS-JZ
DC-DC Converter
Single Output
Model
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Input Current
Full | No load
typ. (mA)
Output
Current
max | min
(mA)*
Isolation
(VDC)
Maximum
capacitive
Load
(µF)
Efficiency
Typ. (%)
AM1SS-0503SJZ
5 (4.5-5.5)
3.3
270 / 5
303 / 30
1500
2400
74
AM1SS-0505SJZ #
5 (4.5-5.5)
5
270 / 5
200 / 20
1500
2400
82
AM1SS-0509SJZ
5 (4.5-5.5)
9
241 / 12
111 / 12
1500
1000
83
AM1SS-0512SJZ
5 (4.5-5.5)
12
241 / 12
84 / 9
1500
560
83
AM1SS-0515SJZ
5 (4.5-5.5)
15
241 / 18
67 / 7
1500
560
83
AM1SS-0524SJZ
5 (4.5-5.5)
24
241 / 18
42 / 4
1500
220
85
AM1SS-1203SJZ #
12 (10.8-13.2)
3.3
112 / 8
303 / 30
1500
2400
75
AM1SS-1205SJZ #
12 (10.8-13.2)
5
105 / 8
200 / 20
1500
2400
80
AM1SS-1209SJZ #
12 (10.8-13.2)
9
105 / 8
111 / 12
1500
1000
80
AM1SS-1212SJZ #
12 (10.8-13.2)
12
105 / 8
83 / 9
1500
560
80
AM1SS-1215SJZ #
12 (10.8-13.2)
15
103 / 8
67 / 7
1500
560
81
AM1SS-1224SJZ #
12 (10.8-13.2)
24
103 / 8
42 / 5
1500
220
81
AM1SS-1505SJZ #
15 (13.5-16.5)
5
84 / 8
200 / 20
1500
2400
80
AM1SS-1509SJZ #
15 (13.5-16.5)
9
84 / 8
111 / 12
1500
1000
80
AM1SS-1512SJZ #
15 (13.5-16.5)
12
84 / 8
83 / 9
1500
560
80
AM1SS-1515SJZ #
15 (13.5-16.5)
15
83 / 8
67 / 7
1500
560
81
AM1SS-2403SJZ #
24 (21.6-26.4)
3.3
56 / 8
303 / 30
1500
2400
75
AM1SS-2405SJZ #
24 (21.6-26.4)
5
53 / 8
200 / 20
1500
2400
79
AM1SS-2409SJZ #
24 (21.6-26.4)
9
53 / 8
111 / 12
1500
1000
80
AM1SS-2412SJZ #
24 (21.6-26.4)
12
52 / 8
83 / 9
1500
560
81
AM1SS-2415SJZ #
24 (21.6-26.4)
15
52 / 8
67 / 7
1500
560
81
AM1SS-2424SJZ #
24 (21.6-26.4)
24
52 / 8
42 / 5
1500
220
81
* Performance will be degraded if the load is not within the output current range.
Input Specification
Parameters
Conditions
Typical
Maximum
Units
Filter
Capacitor
Absolute maximum rating
Maximum duration 1s, 5Vin
>0.7
9
VDC
Maximum duration 1s, 12Vin
>0.7
18
VDC
Maximum duration 1s, 15Vin
>0.7
21
VDC
Maximum duration 1s, 24Vin
>0.7
30
VDC
Input reflected ripple current
5Vin models
15
mA
Other models
30
mA
Isolation Specification
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, leakage ≤ 1mA for all models
>1500
VDC
1 sec, leakage ≤ 1mA for 5Vin models
>3000
VDC
Resistance
500VDC
>1000
MΩ
Capacitance
100kHz/0.1V
20
pF
Models & Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com