Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1SS-0503SJZ. Datasheet(PDF) 2 Page - AIMTEC

Part # AM1SS-0503SJZ.
Description  1 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1SS-0503SJZ. Datasheet(HTML) 2 Page - AIMTEC

  AM1SS-0503SJZ. Datasheet HTML 1Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 2Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 3Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 4Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 5Page - AIMTEC AM1SS-0503SJZ. Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AM1SS-N(J)Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R11.F
REV: 05/20/A
2 of 6
North America only
5V output models with suffix NZ
12V output models with suffix NZ
15V output models with suffix NZ
24V output models with suffix NZ
20
15
10
17
60
50
35
30
3.3V/5V output models with suffix JZ
9V/12V output models with suffix JZ
15V/24V output models with suffix JZ
5
12
18
10
20
30
Reflected Ripple Current
15
mA
Filter
Capacitor
Hot Plug
Unavailable
Note: Reflected ripple current testing method please see DC-DC Converter Application Notes for specific operation.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
20
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance graph
±5
%
Short Circuit protection
Continuous, unless marked with ‡
Line voltage regulation
For 1.0% Vin, 3.3V Model
For 1.0% Vin, Other Model
±1.5
±1.2
% of Vin
Load voltage regulation
10 – 100% load for
parts with suffix NZ
3.3V output
5V output
9V output
12V output
15V output
24V output
18
12
8
7
6
5
%
10 – 100% load for
parts with suffix JZ
3.3V output
5V output
9V output
12V output
15V output
24V output
15
10
8
7
6
5
20
15
10
10
10
10
Temperature coefficient
±0.03
%/oC
Temperature coefficient
(for part number with suffix JZ)
±0.02
%/oC
Ripple & Noise
At 20 MHz Bandwidth
60
150
mV p-p
Ripple & Noise
(for part number with suffix JZ)
At 20 MHz Bandwidth
Other Model
24V Model
30
50
75
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100-300
KHz
Switching frequency
(for part number with suffix JZ)
100% load
270
KHz
Operating temperature
Derating Above 85oC
-40 to +105
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
125
oC
Cooling
Free air convection
Humidity
Non condensing
95
%
Soldering Lead Temperature
1.5mm from Lead, for 10 Sec
300
oC
Case material
Plastic UL94-V0
Weight
1.3
g
Dimensions (L x H x W)
0.46 x 0.4x 0.24 inches
11.60 x 10.16 x 6.00 mm
MTBF
>3500K hrs(MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com