Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2LS-0512SJZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM2LS-0512SJZ
Description  DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LS-0512SJZ Datasheet(HTML) 5 Page - AIMTEC

  AM2LS-0512SJZ Datasheet HTML 1Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 2Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 3Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 4Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 5Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 6Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 7Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F 052e R4
www.Aimtec.com
5
Rev: 01/22/A
AM2LS-JZ
DC-DC Converter
5Vin, 3.3Vout models
5Vin, other models
12/15/24Vin models
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-15%
+1.0%
+5%
+10%
Typical Load Line
-5%
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+5%
+10%
Typical Load Line
Tolerance Envelope Graph
Output Current (%)
10%
50%
100%
Nominal
Voltage
-7.5%
-2.5%
+2.5%
+3%
+8%
-2%
Output voltage tolerance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com