Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002053 Datasheet(PDF) 2 Page - ledxon GmbH

Part # 3002053
Description  Zubehör, Netzteil Konstantstrom 100-700mA, 2.5-46V, tuneable, DALI2 DT8
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

3002053 Datasheet(HTML) 2 Page - ledxon GmbH

  3002053 Datasheet HTML 1Page - ledxon GmbH 3002053 Datasheet HTML 2Page - ledxon GmbH 3002053 Datasheet HTML 3Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3002053
/
Page 2 3
OXOMI
Created on 09/11/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
163 mm
Width
30 mm
Height
21 mm
Volume
102.69 cm³ (0.1 l)
Weight
0.098 kg
FEATURES
Product group
LED driver (EC002710)
No dim function
Yes
Housing
Plastic housing
Length
163 mm
Width
30 mm
Height
21 mm
Power consumption
13.00 W
BATTERIES
Contains battery
No
CUSTOMS
CE Indicator
Yes
Country of origin
China (CN)
Constant current driver, 198–264VAC, 180–280VDC, dimmable DALI 2 DT8, Output: CC 100–
700mA, 2.5–46V, SELV, IP20, Class II, ENEC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com