Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4R2
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC855TCZQ50D4R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
6
Freescale Semiconductor
Features
— Allows dynamic changes
— Can be internally connected to six serial channels (four SCCs and two SMCs)
•
Parallel interface port (PIP)
— Centronics interface support
— Supports fast connection between compatible ports on the MPC860 or the MC68360
•
PCMCIA interface
— Master (socket) interface, release 2.1 compliant
— Supports two independent PCMCIA sockets
— Supports eight memory or I/O windows
•
Low power support
— Full on—all units fully powered
— Doze—core functional units disabled except time base decrementer, PLL, memory controller,
RTC, and CPM in low-power standby
— Sleep—all units disabled except RTC and PIT, PLL active for fast wake up
— Deep sleep—all units disabled including PLL except RTC and PIT
— Power down mode—all units powered down except PLL, RTC, PIT, time base, and
decrementer
•
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two
operate on data
— Supports conditions: =
≠ <>
— Each watchpoint can generate a break-point internally.
•
3.3-V operation with 5-V TTL compatibility except EXTAL and EXTCLK
•
357-pin ball grid array (BGA) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com