Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1P-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM1P-Z
Description  1 Watt | DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1P-Z Datasheet(HTML) 4 Page - AIMTEC

  AM1P-Z Datasheet HTML 1Page - AIMTEC AM1P-Z Datasheet HTML 2Page - AIMTEC AM1P-Z Datasheet HTML 3Page - AIMTEC AM1P-Z Datasheet HTML 4Page - AIMTEC AM1P-Z Datasheet HTML 5Page - AIMTEC AM1P-Z Datasheet HTML 6Page - AIMTEC AM1P-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series AM1P-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R11.L
4 of 7
North America only
Rev: 04/21/A
Case material
Non-conductive black plastic
Weight
1.8
g
Dimensions (L x W x H)
0.50 x 0.40 x 0.27 inches
12.70 x 10.16 x 6.85 mm
MTBF
>1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN55032 (Radiated & Conducted Emissions) class B, with recommended EMC circuit. EN55024:2010.
IEC61000-4-2(ESD) Criteria A
IEC61000-4-3(Radiated immunity) Criteria A
IEC61000-4-4(EFT) Criteria A, with an external 470uF/100V filter capacitor
IEC61000-4-5(Surge) Criteria A, with an external 470uF/100V filter capacitor
IEC61000-4-6(CS) Criteria A
IEC61000-4-8(PFMF) Criteria A
Pin Out Specifications
Dimensions
Input Reflected Ripple Test Circuit
Aimtec
DC-DC
Converter
L1
(12 µh)
C1
(47 µf)
Test
Point
RL
(Full Load)
Vin+
Vin-
+
-
Vo+
Vo-
* Tested at full load, and nominal input
Pin
1000 and 3000 VDC
1000 VDC
Single
Dual
Dual Separated
1
- V Input
- V Input
- V Input
4
+ V Input
+ V Input
+ V Input
5
+ V Output
+ V Output
+ V1 Output
6
No pin
No pin
- V1 Output
7
- V Output
Common
+ V2 Output
8
No pin
- V Output
- V2 Output
12.70
(0.50)
10.16
(0.40)
0.50
(0.02)
7.62
(0.30)
2.54
(0.10)
7.62
(0.30)
Bottom View
6.85
(0.27)
3.05
(0.12)
2.54
(0.10)
0.50
(0.02)
1
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com