Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # LLDB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

LLDB3 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  LLDB3 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. LLDB3 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. LLDB3 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
●
●
Features
VBO : 32V
Breakover voltage range : 28 to 36V
Applications
Functioning as a trigger diode with a fixed voltage
reference, the DB3 can be used in conjunction
with triacs for simplified gate control circuits or as
a starting element in fluorescent lamp ballasts.
Absolute Maximum Ratings
(Limiting values)
Parameter
Symbol
Value
Unit
Repetitive peak on-state current (tp=20μ s F=120 Hz)
ITRM
2
A
Operating junction temperature range
Tj
-40 ~ +125
℃
Storage temperature range
Tstg
-40 ~ +125
℃
Stresses exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stresses above the recommended operating conditions may
affect device reliability.
Electrical Characteristics
(Tj=25℃ unless otherwise specified)
Parameter
Symbol
Test Conditions
Value
Unit
MIN.
28
TYP.
32
Breakover voltage*
VBO
C=22nF**
MAX.
36
V
Breakover voltage symmetry
|VBO1-VBO2| C=22nF**
MAX.
±
3
V
Dynamic breakover voltage*
△
V
VBO and VF at 10mA
MIN.
5
V
Output voltage*
VO
see diagram 2(R=20Ω )
MIN.
5
V
Breakover current*
IBO
C=22nF**
MAX.
50
μ
A
Rise time*
tr
see diagram 3
MAX.
2
μ
s
Leakage current*
IR
VR=0.5VBO max
MAX.
10
μ
A
*Applicable to both forward and reverse directions.
**Connected in parallel to the device.
Dimensions in inches and (millimeters)
0.146(3.7)
0.130(3.3)
0.063(1.6)
0.055(1.4)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
MINI MELF (LL-34)
DIA.
SILICON BIDIRECTIONAL DIAC
LLDB3
www.shunyegroup.com.cn
V2.22


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com