Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3000 Datasheet(PDF) 1 Page - FLEXTRAL

Part # RF3000
Description  RF3000 Rig Flow Kelly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

RF3000 Datasheet(HTML) 1 Page - FLEXTRAL

  RF3000 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF3000 Rig Flow Kelly
www.
.com
Tube: Black, smooth nitrile rubber compound
Reinforcement: Six spiral layers of high-tensile steel wire
Cover: Black, oil, abrasion, and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +121°C (-40°F to +250°F)
Packaging: Coils
Application: High-pressure rotary hose for slim-hole, seismograph, work-over or portable drilling rigs. For use
with small to medium-blast, water-well or shot-hole drilling applications. Used in hydraulic or mud
drilling applications where pulsating pump is required.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BEND
RADIUS
WEIGHT TWO PIECE
Skive
(in)
(in)
(mm)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
RF3000-40
2Z\x
3.35
85.1
3,000
26.0
660
5.13
LM
RF3000-48
3
3.91
99.3
3,000
29.5
750
6.07
LM
*Call for additional fittings, lengths and assemblies.
V04.21


Similar Part No. - RF3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3000 RFMD-RF3000 Datasheet
351Kb / 28P
SPREAD-SPECTRUM BASEBAND MODEM
RF3000PCBA RFMD-RF3000PCBA Datasheet
351Kb / 28P
SPREAD-SPECTRUM BASEBAND MODEM
More results

Similar Description - RF3000

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C3031571 HUBBELL-C3031571 Datasheet
389Kb / 1P
Anchor, Tool, Kelly Bar Adapter,3.5in Square, 15,000 ft-lb rating
C3030958 HUBBELL-C3030958 Datasheet
385Kb / 1P
Anchor, Tool, Kelly Bar Adapter,3.0in Square, 15,000 ft-lb rating
C3030955 HUBBELL-C3030955 Datasheet
385Kb / 1P
Anchor, Tool, Kelly Bar Adapter,2.5in Square, 15,000 ft-lb rating
logo
HARTING Technology Grou...
09-33-024-4739 HARTING-09-33-024-4739 Datasheet
497Kb / 2P
Han ES AV Pos. 24 Insert Term. Block rig
09-33-024-4639 HARTING-09-33-024-4639 Datasheet
496Kb / 2P
Han ES AV Pos. 24 Insert Term. Block rig
09-33-016-4739 HARTING-09-33-016-4739 Datasheet
486Kb / 2P
Han ES AV Pos. 16 Insert Term. Block rig
09-33-016-4735 HARTING-09-33-016-4735 Datasheet
489Kb / 2P
Han E AV 16 Pos. F Insert Term Block Rig
09-33-016-4639 HARTING-09-33-016-4639 Datasheet
488Kb / 2P
Han ES AV Pos. 16 Insert Term. Block rig
09-33-010-4739 HARTING-09-33-010-4739 Datasheet
481Kb / 2P
Han ES AV Pos. 10 Insert Term. Block rig
09-33-010-4639 HARTING-09-33-010-4639 Datasheet
482Kb / 2P
Han ES AV Pos. 10 Insert Term. Block rig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com