Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 1 Page - FLEXTRAL

Part # ST10
Description  ST10 Chlorobutyl
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

ST10 Datasheet(HTML) 1 Page - FLEXTRAL

  ST10 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ST10 Chlorobutyl
www.
.com
V04.21
Application:
ST10 is a compact, slim profile hose designed for long-lasting steam service—one of the
toughest applications for hose, where the hot-cold/wet-dry cycling attacks rubber compounds
externally as well as internally. The hose construction incorporates premium, high-performance
chlorobutyl in both the tube and the cover, providing extreme heat resistance, durability,
performance, and service life. The wire braid reinforcement provides crush-resistant durability,
kink resistance, and a path to conduct a static electrical charge to ground, and the cover
resists abrasion, cracking, hardening, and ozone. ST10 is qualified with crimp couplings for
maintenance-free service. The traditional bolt style clamps, and ground joint fittings can also be
used with this hose.
Construction:
Tube - Black chlorobutyl
Reinforcement - Multiple wire braid
Cover - Black or Red EPDM, perforated wrapped finish
Temperature Range:
-18ºC to +208ºC (0ºF to +406ºF) Saturated/Superheated Steam
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
Crimp
Clamp
ST10-075RD
C\v
1.28
250
0.64
50’
Yes
Yes
ST10-100RD
1
1.55
250
0.81
50’
Yes
Yes
ST10-200RD
2
2.50
250
1.70
50’
Yes
Yes
*Call for additional fittings, lengths and assemblies.
*RD indicates the color Red. For other colors add the suffix to the part number as
follows: BK - Black.


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
AN2165 STMICROELECTRONICS-AN2165 Datasheet
641Kb / 18P
Getting Started with Keil 關Vision ST10 Toolchain
24-Sep-2013
AN2354 STMICROELECTRONICS-AN2354 Datasheet
265Kb / 21P
ST10 UART recommendations
25-Sep-2013
AN2182 STMICROELECTRONICS-AN2182 Datasheet
227Kb / 18P
Filters using the ST10 DSP library
19-Jul-2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com