Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST15 Datasheet(PDF) 1 Page - FLEXTRAL

Part # ST15
Description  ST15 EPDM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

ST15 Datasheet(HTML) 1 Page - FLEXTRAL

  ST15 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ST15 EPDM
www.
.com
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
Crimp
Clamp
ST15-050BK
Z\x
0.95
250
0.37
50’
Yes
Yes
ST15-075BK
C\v
1.20
250
0.47
50’
Yes
Yes
ST15-100BK
1
1.47
250
0.63
50’
Yes
Yes
ST15-125BK
1Z|v
1.88
250
1.14
50’
Yes
Yes
ST15-150BK
1Z|x
2.19
250
1.44
50’
Yes
Yes
ST15-200BK
2
2.67
250
1.76
50’
Yes
Yes
Application:
ST15 steam hose is a traditional hose designed for long-lasting steam service, one of the
toughest applications for hose, where the hot-cold/wet-dry cycling attacks rubber compounds
externally as well as internally. The hose construction incorporates an EPDM tube that resists
heat, popcorning, and a wire braid reinforcement for crush-resistant durability, kink resistance,
and a path to conduct a static electrical charge to ground. The EPDM cover is resistant to
abrasion, cracking, hardening, and ozone; there is a red cover option that provides color-coded
identification. Our ST15 hose can be used with traditional bolt clamp style fittings as well as
crimp fittings.
Construction:
Tube - Black EPDM
Reinforcement - Multiple wire braids
Cover - Black or Red EPDM; perforated wrapped finish
Temperature Range:
-29ºC to +208ºC (-20ºF to +406ºF) Saturated Steam
-29ºC to +232°C (-20ºF to +450°F) Superheated Steam
*Call for additional fittings, lengths and assemblies.
*BK indicates the color Black. For other colors add the suffix to the part number as
follows: RD - Red.


Similar Part No. - ST15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST15 ARCH-ST15 Datasheet
193Kb / 4P
Encapsulated DC-DC Converter
logo
Vishay Siliconix
ST15-100T1KI VISHAY-ST15-100T1KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST15-100T1MI VISHAY-ST15-100T1MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Arch Electronics Corp.
ST15-12-12S ARCH-ST15-12-12S Datasheet
193Kb / 4P
Encapsulated DC-DC Converter
More results

Similar Description - ST15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1855018 PHOENIX-1855018 Datasheet
99Kb / 6P
Contact insert - VC-D1-ST15-PE
logo
FIBOX Enclosing innovat...
3545078 FIBOX-3545078 Datasheet
221Kb / 2P
EPDM Cable gland M12
16.08.2023
3545079 FIBOX-3545079 Datasheet
227Kb / 2P
EPDM Cable gland M16
16.08.2023
3545080 FIBOX-3545080 Datasheet
160Kb / 2P
EPDM Cable gland M20
16.08.2023
3545081 FIBOX-3545081 Datasheet
227Kb / 2P
EPDM Cable gland PG16
16.08.2023
3545083 FIBOX-3545083 Datasheet
160Kb / 2P
EPDM Cable gland M32
16.08.2023
3545085 FIBOX-3545085 Datasheet
160Kb / 2P
EPDM Cable gland M50
16.08.2023
3545103 FIBOX-3545103 Datasheet
160Kb / 2P
EPDM Cable gland M63
16.08.2023
3545278 FIBOX-3545278 Datasheet
160Kb / 2P
EPDM Cable gland M12
16.08.2023
3546151 FIBOX-3546151 Datasheet
38Kb / 1P
EPDM Multi-Fem M50
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com