Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90 Datasheet(PDF) 1 Page - FLEXTRAL

Part # ST90
Description  ST90 Hydrocarbon Drain
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

ST90 Datasheet(HTML) 1 Page - FLEXTRAL

  ST90 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ST90 Hydrocarbon Drain
www.
.com
V04.21
Application:
Designed to evacuate liquid residue from steam cleaning operations in manufacturing,
processing plants, and refineries. The high-temperature, oil resistant tube, and cover withstand
attack by steam vapors, and petroleum based run off. NOT FOR STEAM USE.
Construction:
Tube - Black nitrile; ARPM Class A oil resistance
Reinforcement - One wire braid
Cover - Blue chloroprene, wrapped finish
Temperature Range:
-29ºC to +149ºC (-20ºF to +300ºF)
+177°C (+350°F) Intermittent
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
Crimp
Clamp
ST90-075
C|v
1.2
350
0.52
50’
Yes
Yes
ST90-100
1
1.5
350
0.76
50’
Yes
Yes
*Call for additional fittings, lengths and assemblies.


Similar Part No. - ST90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST90-125L2KI VISHAY-ST90-125L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST90-125L2MI VISHAY-ST90-125L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST901 STMICROELECTRONICS-ST901 Datasheet
61Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jun-1997
logo
SEMTECH ELECTRONICS LTD...
ST9011 SEMTECH_ELEC-ST9011 Datasheet
146Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST9012 SEMTECH_ELEC-ST9012 Datasheet
247Kb / 2P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - ST90

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
New Jersey Semi-Conduct...
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
open drain output
logo
Panasonic Semiconductor
MIP2E5DMY PANASONIC-MIP2E5DMY Datasheet
191Kb / 3P
Control Source Drain
logo
Festo Corporation.
152810 FESTO-152810 Datasheet
59Kb / 1P
Condensate drain
4/5/22
158497 FESTO-158497 Datasheet
59Kb / 1P
Condensate drain
4/5/22
538679 FESTO-538679 Datasheet
75Kb / 2P
Condensate drain
4/5/22
538680 FESTO-538680 Datasheet
75Kb / 2P
Condensate drain
4/5/22
538681 FESTO-538681 Datasheet
75Kb / 2P
Condensate drain
4/5/22
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com