Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT300 Datasheet(PDF) 1 Page - FLEXTRAL

Part # VT300
Description  VT300 Exceeds 100R13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

VT300 Datasheet(HTML) 1 Page - FLEXTRAL

  VT300 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT300 Exceeds 100R13
Meets or exceeds the requirements of SAE 100R13.
Tube: Nitrile
Reinforcement: Six spirals of high-tensile steel wire
Cover: Synthetic rubber, high-abrasion resistant,
meets requirements of MSHA fire resistant standards
Temperature: -48°C to +121°C (-55°F to +250°F)
Packaging: Coils
Application: VT300 is ideal for hydraulic systems with petroleum, polyolester, or water/glycol based fluids. The
hose is very flexible with a bending radius less than standard spiral hose and a high-abrasion
resistant cover. Hose is accepted for hydraulic service. SAE J1942/1 USCG – H accepted.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
Skive
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
VT300-20
1Z\v
1.92
48.8
5,000
20,000
11.0
280
2.44
VS
VT300-24
1Z|x
2.19
55.6
5,000
20,000
13.0
330
3.20
VS
VT300-32
2
2.80
71.1
5,000
20,000
16.5
420
4.20
VS
www.
.com
V04.21


Similar Part No. - VT300

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VT300 PERKINELMER-VT300 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
VT300CT PERKINELMER-VT300CT Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
More results

Similar Description - VT300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44170-0001 MOLEX-44170-0001 Datasheet
379Kb / 2P
Molex?셲 New Stacked Multi-port Modular Jack with Lightpipes Exceeds Category 5 Level Performance
logo
Maxim Integrated Produc...
71M6533 MAXIM-71M6533 Datasheet
2Mb / 132P
Exceeds IEC 62053/ANSI C12.20 Standards
Rev 2; 2/12
logo
Marl International Limi...
623 MARL-623 Datasheet
326Kb / 4P
Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
logo
Integrated Device Techn...
IDT74CBTLV16245 IDT-IDT74CBTLV16245_06 Datasheet
72Kb / 5P
LOW-VOLTAGE 16-BIT BUS SWITCH Latch-up performance exceeds 100mA
logo
Texas Instruments
SN75ALS173NSR TI-SN75ALS173NSR Datasheet
452Kb / 12P
Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
logo
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
Exceeds environmental standards of MIL-S-19500/228
logo
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
SlimStyle Bulb Exceeds Expectations
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com