Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MMBD301
Description  SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MMBD301 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MMBD301 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MMBD301 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MMBD301 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. MMBD301 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
100
200
300
400
500
600
700
800
0.01
0.1
1
10
0
5
10
15
20
25
30
1E-3
0.01
0.1
1
10
025
50
75
100
125
0
50
100
150
200
250
0
5
10
15
20
0
1
2
3
4
Forward Characteristics
FORWARD VOLTAGE V
F
(mV)
50
T
a=100
℃
T
a=25
℃
Reverse Characteristics
REVERSE VOLTAGE V
R
(V)
AMBIENT TEMPERATURE T
a
( )
℃
Power Derating Curve
REVERSE VOLTAGE V
R
(V)
Capacitance Characteristics
T
a
=25℃
f=1MHz
Typical Characteristics
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com