Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57030 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD57030
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57030 Datasheet(HTML) 2 Page - STMicroelectronics

  PD57030 Datasheet HTML 1Page - STMicroelectronics PD57030 Datasheet HTML 2Page - STMicroelectronics PD57030 Datasheet HTML 3Page - STMicroelectronics PD57030 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PD57030 PD57030S
2/4
PIN CONNECTION
SOURCE
DRAIN
GATE
SC15200
ELECTRICAL SPECIFICATION(TCASE =25 0C)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS =0 V
IDS = 10mA
65
V
IDSS
VGS =0 V
VDS =28V
1
µA
IGSS
VGS = 20V
VDS =0V
1
µA
VGS(Q)
VDS = 28V
ID = 50mA
2.0
5.0
V
VDS(ON)
VGS = 10V
ID = 3A
1.3
V
gFS
VDS = 10V
ID =3A
1.8
mho
CISS
VGS =0 V
VDS = 28V
f = 1 MHz
57
pF
COSS
VGS =0 V
VDS =28V
f = 1 MHz
30
pF
CRSS
VGS =0 V
VDS =28V
f = 1 MHz
1.4
pF
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
VDD = 28V
f = 945 MHz
IDQ = 50mA
30
W
GPS
VDD = 28V
f = 945 MHz
POUT = 30W
IDQ = 50mA
13
14
dB
ηD
VDD = 28V
f = 945 MHz
POUT = 30W
IDQ = 50mA
50
60
%
LOAD
Mismatch
VDD = 28V
f = 945MHz
POUT = 30W
IDQ = 50mA
ALL PHASE ANGLES
10:1
VSWR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com