Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGP-2 Datasheet(PDF) 1 Page - Pro-Power

Part # CGP-2
Description  Grommet Strip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

CGP-2 Datasheet(HTML) 1 Page - Pro-Power

  CGP-2 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
21/04/16
Grommet Strip
Specification:
Material
: Polyethylene
Colour
: Natural
Length
: 100 ft. (3,048 cm)
Temperature Rating : -40°C (-40°F) to 65°C (149°F)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
“A” REF.
“B” REF.
“C” REF.
Panel Thickness Range
“GAP” REF. Part Number
Solid Grommet
Strip
0.125 (3.2)
0.031 (0.8)
0.031 (0.8)
0.026 – 0.036 (0.7 - 0.9)
0.018 (0.5)
CGP-1
0.172 (4.4)
0.109 (2.8)
0.037 – 0.071 (0.9 - 1.8)
0.037 (0.9)
CGP-2
0.188 (4.8)
0.047 (1.2)
0.156 (4)
0.106 – 0.164 (2.6 - 4.2)
0.106 (2.7)
CGP-3
0.188 (4.8)
0.165 – 0.187 (4.2 - 4.7)
0.165 (4.2)
CGP-4
0.250 (6.4)
0.188 – 0.250 (4.8 - 6.4)
0.187 (4.8)
CGP-5
“A”
“B”
“GAP”
“C”
Dimensions : Inches (Millimetres)
Features:
• Solid version is for straight edges
• Polyethylene material is very flexible


Similar Part No. - CGP-2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CGP-1060 BEL-CGP-1060 Datasheet
714Kb / 2P
Commercial Grade Power Dividers
CGP-1060-02-NNN-05 BEL-CGP-1060-02-NNN-05 Datasheet
714Kb / 2P
Commercial Grade Power Dividers
CGP-1060-02-SMA-05 BEL-CGP-1060-02-SMA-05 Datasheet
714Kb / 2P
Commercial Grade Power Dividers
CGP-1060-04-SMA-05 BEL-CGP-1060-04-SMA-05 Datasheet
714Kb / 2P
Commercial Grade Power Dividers
More results

Similar Description - CGP-2

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
EG-0-01 RICHCO-EG-0-01 Datasheet
49Kb / 1P
EXPANSION GROMMET
SG8-250-81 RICHCO-SG8-250-81 Datasheet
37Kb / 1P
SCREW GROMMET
SRSG6-04-01 RICHCO-SRSG6-04-01 Datasheet
39Kb / 1P
SELF RETAINING SCREW GROMMET
logo
PANDUIT CORP.
GEE36F-A-C0 PANDUIT-GEE36F-A-C0 Datasheet
104Kb / 3P
Grommet Edging
logo
PHOENIX CONTACT
1686575 PHOENIX-1686575 Datasheet
48Kb / 2P
Grommet - HC-DR-PG13
1686588 PHOENIX-1686588 Datasheet
46Kb / 3P
Grommet - HC-DR-PG16
1686591 PHOENIX-1686591 Datasheet
48Kb / 2P
Grommet - HC-DR-PG21
1686601 PHOENIX-1686601 Datasheet
46Kb / 3P
Grommet - HC-DR-PG29
1686614 PHOENIX-1686614 Datasheet
46Kb / 3P
Grommet - HC-DR-PG36
1686795 PHOENIX-1686795 Datasheet
46Kb / 3P
Grommet - HC-DR-PG11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com