Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTFC-3 Datasheet(PDF) 2 Page - Pro-Power

Part # CTFC-3
Description  CTFC Series Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

CTFC-3 Datasheet(HTML) 2 Page - Pro-Power

  CTFC-3 Datasheet HTML 1Page - Pro-Power CTFC-3 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
24/05/13
CTFC Series
Heat Shrink Tubing
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Heatshrink, Adhesive, 3mm, Black, 1.2m
CTFC-3/1-0-STK
Heatshrink, Adhesive, 6mm, Black, 1.2m
CTFC-6/2-0-STK
Heatshrink, Adhesive, 9mm, Black, 1.2m
CTFC-9/3-0-STK
Heatshrink, Adhesive, 12mm Black, 1.2m
CTFC-12/4-0-STK
Heatshrink, Adhesive, 18mm, Black, 1.2m
CTFC-18/6-0-STK
Heatshrink, Adhesive, 24mm, Black, 1.2m
CTFC-24/8-0-STK
Heatshrink, Adhesive, 39mm, Black, 1.2m
CTFC-39/13-0-STK
Test
Test Method
Test Requirement
Min. Tensile Strength
ISO 37
9MPa
Min. Ultimate Elongation
ISO 37
200%
Heat Shock
4 Hours at 150°C
Pass - no Dripping, Cracking or Flowing of Outer Wall
Heat Ageing
168 Hours at 125°C
Low Temperature Flexibility
4 Hours at -55°C
Pass - no Cracking
Min. Dielectric Strength
IEC 243
12MV/m
Fluid Resistance
24 Hours at 23°C, ISO 37 Min. Tensile Strength : 5MPa
Min. Ultimate Elongation : 200%
Test Fluids
Petrol 100 Octane
Engine Oil (SAE 20W/50)
Hydraulic Fluid (SAE J1703)
Performance
Part Number Explanation:
CTFC
3/1
0
Series
Inside Diameter
Colour Code
Inside Diameter : Expanded as supplied/Recovered after heating.
Colour Code
: 0 = Black.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com