Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H07RNF2 Datasheet(PDF) 1 Page - Pro-Power

Part # H07RNF2
Description  H07RN-F Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

H07RNF2 Datasheet(HTML) 1 Page - Pro-Power

  H07RNF2 Datasheet HTML 1Page - Pro-Power H07RNF2 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H07RN-F Cable
Technical Data
Classification ETIM 5:
ETIM 5.0 Class-ID: EC001578
ETIM 5.0 Class-Description: Flexible cable
Classification ETIM 6:
ETIM 6.0 Class-ID: EC001578
ETIM 6.0 Class-Description: Flexible cable
Core identification code:
Up to 5 cores: colour-coded according to VDE 0293-308, refer to
Appendix T9
From 6 cores: black with white numbers
Conductor stranding:
Fine wire according to VDE 0295 Class 5/ IEC 60228 Class 5
Minimum bending radius:
4 to 8 x outer diameter (EN 50565-1)
Nominal voltage:
U0/U: 450/750 V
Test voltage:
2500 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Current rating:
According to IEC 60364-5-52/ VDE 0298-4
EN 50565-1/ VDE 0298-565-1
Temperature range:
Fixed installation: -25°C up to +60°C
Occasionally moved: -25°C bis +60°C
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
24/03/23
V1.2
Heavy standard construction
H07RN-F, HAR, power and control cable,
rubber, heavy, 450/750 V, industrial and
agricultural use, class 5, -25°C to +60°C, oil
resistant, flame-retardant
Features
Medium mechanical stress
Flame-retardant according IEC 60332-1-2
Oil-resistant according to EN 60811-404
For mechanically more demanding applications
1000 V AC at protected + static laying
Arrangements made of single-core, rubber-sheathed cables H07RN-F can be used for short circuit-proof and
short-to-ground-proof installations in accordance with IEC 60364-5-52/ HD 60364-5-52/ VDE 0100 Part 520
Applications
Handheld and power supply devices according to EN 50565-2
Medium, mechanical stress
Industrial, agricultural use
According to EN 50565-2: In dry, damp and wet rooms as well as for fixed installation e.g. on the plaster
Approvals
<HAR> H07RN-F cable type approval according to EN 50525-2-21


Similar Part No. - H07RNF2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
H07RN-F MULTICOMP-H07RN-F Datasheet
204Kb / 4P
H07RN-F / BS EN 50525-2-21 Flexible Rubber Cable
V1.0 08/04/20
logo
Qualtek Electronics Cor...
H07RND3H2U3G100 QUALTEK-H07RND3H2U3G100 Datasheet
341Kb / 1P
International Power Cords
H07RND3HU3G100 QUALTEK-H07RND3HU3G100 Datasheet
341Kb / 1P
International Power Cords
More results

Similar Description - H07RNF2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36135 PASTERNACK-PE36135 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG11A/U F MALE TO F MALE
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
PE36137 PASTERNACK-PE36137 Datasheet
261Kb / 1P
CABLE ASSEMBLY RG179B/U F MALE TO F MALE
PE36139 PASTERNACK-PE36139 Datasheet
261Kb / 1P
CABLE ASSEMBLY, RG187A/U, F MALE TO F MALE
PE37163 PASTERNACK-PE37163_17 Datasheet
90Kb / 1P
CABLE ASSEMBLY, RG6A/U, F MALE TO F MALE
logo
PHOENIX CONTACT
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903400 PHOENIX-2903400 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/10,0M
2903401 PHOENIX-2903401 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/15,0M
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
2731775 PHOENIX-2731775 Datasheet
57Kb / 3P
Cable - IBS PWR/5HD/F
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com