Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY4.00MM3C50M Datasheet(PDF) 1 Page - Pro-Power

Part # SY4.00MM3C50M
Description  Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SY4.00MM3C50M Datasheet(HTML) 1 Page - Pro-Power

  SY4.00MM3C50M Datasheet HTML 1Page - Pro-Power SY4.00MM3C50M Datasheet HTML 2Page - Pro-Power SY4.00MM3C50M Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cable
Page 1
01/02/08 V1.0
Specification Table
Dimensions : Millimetres (Unless Specified)
Specifications:
Test Voltage
: 3000V.
Core-earth/core-core Voltage Rating
: 300/500.
Maximum Operating Temperature
: 80°C.
Minimum Operating Temperature
: -30°C.
Maximum Flexing Temperature
: 80°C.
Minimum Flexing Temperature
: -5°C.
Primary Insulation Material
: PVC
Secondary Insulation Material
: PVC.
Conductor Material
: Plain Annealed Copper.
Secondary
Insulation
Colour
Core
Identification
Secondary
Screen Type
Conductor
Area
CSA
(mm2)
Number
of
Cores
External
Diameter
Minimum
Bending
Radius
Reel
Length
(m)
Part Number
Grey
Number Coded
Black Cores +
Green/Yellow
Tinned Copper
Wire Braid
0.75
3
9.2
184
50
CY0.75MM3C50M
3
100
CY0.75MM3C100M
1.00
3
9.8
196
50
CY1.00MM3C50M
3
100
CY1.00MM3C100M
1.50
3
10.6
212
50
CY1.50MM3C50M
3
100
CY1.50MM3C100M
2.50
3
13.2
264
50
CY2.50MM3C50M
3
100
CY2.50MM3C100M
Transparent
Number Coded
Black Cores
Galvanised Steel
Wire Armour
0.75
2
9.4
188
50
SY0.75MM2C50M
2
100
SY0.75MM2C100M
1.00
2
9.8
196
50
SY1.00MM2C50M


Similar Part No. - SY4.00MM3C50M

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SY4.00MM3C100M PROPOWER-SY4.00MM3C100M Datasheet
117Kb / 3P
Cable
01/02/08 V1.0
More results

Similar Description - SY4.00MM3C50M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
Cable
logo
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
CABLE
logo
PHOENIX CONTACT
2904073 PHOENIX-2904073 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 0,5M
logo
Kycon, Inc.
GM67X-CS KYCON-GM67X-CS Datasheet
343Kb / 1P
Cable Side, IP67 Cable Mount
logo
M-System Co.,Ltd.
MCN34 MSYSTEM-MCN34 Datasheet
77Kb / 2P
CABLE
MCN26 MSYSTEM-MCN26 Datasheet
79Kb / 2P
CABLE
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
CABLE
logo
Lin Eng. Inc.
AMT-17C-1-036 LINENGINEERING-AMT-17C-1-036 Datasheet
234Kb / 2P
CABLE
BLDC-CABLE-1M LINENGINEERING-BLDC-CABLE-1M Datasheet
237Kb / 2P
CABLE
BLDC-CABLE-3M LINENGINEERING-BLDC-CABLE-3M Datasheet
1Mb / 2P
CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com