Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

135-8708 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # 135-8708
Description  SDS-Plus Drill Bits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

135-8708 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  135-8708 Datasheet HTML 1Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SDS-Plus Drill Bits
Features carbide tipped drill bit tip and innovative 4-fold spiral flute for rapid drilling, dust
removal and wall friction.
Safety note : when using drill bits with length above 460mm, pre-drill to a depth of 150mm.
490642
Cutting
Overall
Working
Diameter
Length
Length
Price
Each
(mm)
(mm)
(mm)
Order Code
5
110
50
135-8690
5
160
100
135-8670
5.5
110
50
135-8671
5.5
160
100
135-8672
6
110
50
135-8691
6
160
100
135-8673
6
210
150
135-8703
7
110
50
135-8675
7
160
100
135-8676
7
210
150
135-8715
8
160
100
135-8677
8
210
150
135-8678
8
260
200
135-8696
10
160
100
135-8679
10
210
150
135-8697
10
260
200
135-8680
10
460
400
135-8699
10
1000
950
135-8707
12
160
100
135-8681
12
210
150
135-8700
12
260
200
135-8692
12
460
400
135-8701
12
1000
950
135-8708
13
160
100
135-8682
14
160
100
135-8693
14
210
150
135-8684
14
310
250
135-8702
14
1000
950
135-8709
15
160
100
135-8685
16
210
150
135-8705
16
310
250
135-8706
16
450
400
135-8695
16
1000
950
135-8710
18
1000
950
135-8711
20
1000
950
135-8712
22
1000
950
135-8713
25
450
400
135-8694
25
1000
950
135-8714


Similar Part No. - 135-8708

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
135-8717 BOSCH-135-8717 Datasheet
26Kb / 1P
Jigsaw Blades
135-8718 BOSCH-135-8718 Datasheet
24Kb / 1P
Jigsaw Blades
135-8718 BOSCH-135-8718 Datasheet
24Kb / 1P
Jigsaw Blades
135-8731 BOSCH-135-8731 Datasheet
27Kb / 1P
Multiconstruction Masonary Drills
135-8732 BOSCH-135-8732 Datasheet
27Kb / 1P
Multiconstruction Masonary Drills
More results

Similar Description - 135-8708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
SpectraDIL - 023 style SDS, SDC, SDD ranges
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
SDS-8-014 ETC2-SDS-8-014 Datasheet
82Kb / 1P
SpectraDIL - 014 style SDS, SDC, SDD ranges
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
logo
Rosenberger Hochfrequen...
60W010-C02 ROSENBERGER-60W010-C02 Datasheet
199Kb / 2P
CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
List of Unclassifed Man...
DT7926-XJ ETC1-DT7926-XJ Datasheet
110Kb / 2P
EXTREME 2??Metal Drill Bit Sets
logo
SparkFun Electronics
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com