Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RBN3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95040-RBN3
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RBN3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95040-RBN3 Datasheet HTML 15Page - STMicroelectronics M95040-RBN3 Datasheet HTML 16Page - STMicroelectronics M95040-RBN3 Datasheet HTML 17Page - STMicroelectronics M95040-RBN3 Datasheet HTML 18Page - STMicroelectronics M95040-RBN3 Datasheet HTML 19Page - STMicroelectronics M95040-RBN3 Datasheet HTML 20Page - STMicroelectronics M95040-RBN3 Datasheet HTML 21Page - STMicroelectronics M95040-RBN3 Datasheet HTML 22Page - STMicroelectronics M95040-RBN3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19/37
M95040, M95020, M95010
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
low power Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The BP1 and BP0 bits of the Status Register are
unchanged from the previous power-down (they
are non-volatile bits).
Initial Delivery State
The device is delivered with the memory array set
at all 1s (FFh). The Block Protect (BP1 and BP0)
bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com