Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L40S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L40S
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L40S Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L40S Datasheet HTML 1Page - STMicroelectronics STPS3L40S Datasheet HTML 2Page - STMicroelectronics STPS3L40S Datasheet HTML 3Page - STMicroelectronics STPS3L40S Datasheet HTML 4Page - STMicroelectronics STPS3L40S Datasheet HTML 5Page - STMicroelectronics STPS3L40S Datasheet HTML 6Page - STMicroelectronics STPS3L40S Datasheet HTML 7Page - STMicroelectronics STPS3L40S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS3L40
4/8
Figure 9.
Relative variation of thermal
impedance junction to lead
versus pulse duration - SMB flat
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-l)
th(j-l)
SMB flat
t (s)
p
Single pulse
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
I (mA)
R
V (V)
R
T =125°C
j
T =100°C
j
T =25°C
j
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Forward voltage drop versus
forward current
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, eCU=35µm)
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0
0
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S
(cm²)
CU
SMB flat
SMC
R
(°C/W)
th(j-a)
FIG 15A - WITHOUT EXPOSED PAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com