Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM104 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM104
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM104 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM104_03 Datasheet HTML 1Page - STMicroelectronics TSM104_03 Datasheet HTML 2Page - STMicroelectronics TSM104_03 Datasheet HTML 3Page - STMicroelectronics TSM104_03 Datasheet HTML 4Page - STMicroelectronics TSM104_03 Datasheet HTML 5Page - STMicroelectronics TSM104_03 Datasheet HTML 6Page - STMicroelectronics TSM104_03 Datasheet HTML 7Page - STMicroelectronics TSM104_03 Datasheet HTML 8Page - STMicroelectronics TSM104_03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSM104/A
3/9
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
cc
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TSM104, Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
TSM104A, Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
1
0.5
5
6
3
4
mV
∆V
io
Input Offset Voltage Drift
7
µV/°C
Iio
Input Offset Current
Tmin ≤ Tamb ≤ Tmax
230
50
nA
Iib
Input Bias Current
Tmin ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 2k
VO = 1.4V to 11.4V
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio
VCC = 5V to 30V
65
100
dB
Vicm
Input Voltage Mode Voltage Range
VCC = + 30V see note
1)
Tmin ≤ Tamb ≤ Tmax
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC
+ -1.5V
But either of both inputs can go to +36V without damage.
0
0
Vcc+ -1.5
Vcc+-2
V
CMR
Common Mode Rejection Ratio
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output Current Source
Vo = 2V, Vcc = +15V, Vid = +1V
20
40
mA
Io
Output Short Circuit to Ground
VCC = +15V
40
60
mA
Isink
Output Current Sink
Vid = -1V
VCC = +15V, Vo = +2V
10
20
mA
VOH
High Level Output Voltage
RL = 10k, VCC
+ = 30V
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
27
27
28
V
VOL
Low Level Output Voltage
RL = 10k
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew Rate at Unity Gain
Vi = 0.5 to 3V, VCC = 15V
RL = 2kΩ, CL = 100pF, unity gain
0.1
0.3
V/
µs
GBP
Gain Bandwith Product
VCC = 30V, RL = 2k, CL = 100pF
f = 100kHz, Vin = 10mV
0.5
0.9
MHz
THD
Total Harmonic Distortion
f = 1kHz
AV = 20dB, RL = 2, VCC = 30V
CL = 100pF, Vo = 2Vpp
0.02
%
en
Equivalent Input Noise Voltage
f = 1kHz, VCC = 30V, Rs = 100Ω
50
Cs
Channel Separation
1kHz < f < 20kHz
120
dB
nV
Hz
------------
But either of both inputs can go to +36V without damage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com