Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC-RSPNMCN18 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CC-RSPNMCN18
Description  REVERSE POLARITY SMA PLUG TO N MALE WITH CA-100 COAX CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CC-RSPNMCN18 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CC-RSPNMCN18 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART
OR WHOLE WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY
OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS.
DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
LENGTH
SEE NOTE 3
2X HEAT SHRINK
REVERSE POLARITY
SMA PLUG
CONNECTOR
CA-100, 50 OHM LOW LOSS COAXIAL CABLE
JACKET: PVC, BLACK
LABEL
SEE NOTE 1
8mm HEX
TYPE N MALE
CONNECTOR
NOTES:
CABLE ASSEMBLY LENGTH LABEL PLACEMENT: 36 INCHES
1.
OR LESS, ONE LABEL APPROXIMATELY CENTERED.
LONGER THAN 36 INCHES, TWO LABELS APPROXIMATELY
6 INCHES FROM EACH CONNECTOR.
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2.
CABLE ASSEMBLY LENGTH DETERMINED BY ITEM PN AND
3.
DESCRIPTION.
WWW.L-COM.COM
LCXXXXX
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
08/20/2024
DMAY
AGANWANI
ITEM NO.
REV
CAGE CODE
SIZE
A
DRAWN BY
CC-RSPNMC
A
DESCRIPTION
REVERSE POLARITY SMA PLUG TO N MALE WITH CA-100 COAX
CABLE
DMAY
SHEET
SCALE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
NONE
1 OF 1
LC DS Rev-D4 Asize
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - CC-RSPNMCN18

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CC-RSPNMCN24 L-COM-CC-RSPNMCN24 Datasheet
103Kb / 1P
REVERSE POLARITY SMA PLUG TO N MALE WITH CA-100 COAX CABLE
08/20/2024
More results

Similar Description - CC-RSPNMCN18

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-36 PASTERNACK-PE34750-36 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750LF-12 PASTERNACK-PE34750LF-12 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-18 PASTERNACK-PE34750LF-18 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-24 PASTERNACK-PE34750LF-24 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-36 PASTERNACK-PE34750LF-36 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-48 PASTERNACK-PE34750LF-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-60 PASTERNACK-PE34750LF-60 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
PE34750LF-72 PASTERNACK-PE34750LF-72 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com