Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LISY300ALTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LISY300ALTR
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300ALTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LISY300ALTR Datasheet HTML 5Page - STMicroelectronics LISY300ALTR Datasheet HTML 6Page - STMicroelectronics LISY300ALTR Datasheet HTML 7Page - STMicroelectronics LISY300ALTR Datasheet HTML 8Page - STMicroelectronics LISY300ALTR Datasheet HTML 9Page - STMicroelectronics LISY300ALTR Datasheet HTML 10Page - STMicroelectronics LISY300ALTR Datasheet HTML 11Page - STMicroelectronics LISY300ALTR Datasheet HTML 12Page - STMicroelectronics LISY300ALTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LISY300AL
Application hints
9/13
3
Application hints
Figure 3.
LISY300AL electrical connections and external components values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF Aluminum)
should be placed as near as possible to the device (common design practice).
The LISY300AL allows to band limit the output rate response through the use of two first-
order on-chip filters: a switched capacitor low-pass filter, with 400Hz -3dB bandwidth, in
combination with an active low-pass filter. The active filter -3 dB nominal frequency (ftA) is
set through an internal resistor RACT and the external capacitor CACT (added between
CACT pin #5 and ANALOG OUTPUT pin #6), by the formula:
The value of the internal resistor RACT is 180 kΩ, while the external capacitor CACT is used to
select the signal bandwidth. The sensed frequency range spans from DC up to the selected
bandwidth.
In order to further reduce high-frequency noise, the LISY300AL supports an additional
optional low-pass filter on ANALOG OUTPUT pin #6 (Figure 3). The cutoff frequency (ftP) is
given by the formula:
100 nF
9.5kOhm
450nF
9nF
0.4nF
VDD
1
7
2
3
4
5
6
8
9 10 11 12 13 14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
GND
GND
GND
LISY300AL
(top view)
C2
R1
C1
CLOAD
CACT
GND
10 µF
GND
COPT
ROPT
Optional
Low-pass filter
Digital signals
VoutYAW
+Ω
z
f
tA
1
2
π R
ACT
C
ACT
⋅⋅
---------------------------------------------------
=
f
tP
1
2
π R
OPT
C
OPT
⋅⋅
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com