Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NBA Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # A22NZ-RMM-NBA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NBA Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NBA Datasheet HTML 11Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 12Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 13Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 14Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 15Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 16Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 17Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 18Page - Omron Electronics LLC A22NZ-RMM-NBA Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
A22NN/A22NL
15
Specifications
Certified Safety Standard Ratings
UL 508 (File No. E76675), CSA C22.2 No.14
6 A 240 VAC, 10 A 120 VAC
TÜV (EN60947-5-1)
AC-15 3 A 240 VAC
DC-13 4 A 24 VDC
CCC (GB14048.5)
AC-15 3 A 240 VAC
DC-13 4 A 24 VDC
Ratings
Contacts (Standard Load)
Note: 1.
The above ratings were obtained by conducting tests under the following conditions.
(1) Ambient temperature: 20 ±2°C
(2) Ambient humidity: 65% ±5% RH
(3) Operating frequency: 30 operations/minute
2.
Minimum applicable load: 10 mA at 5 VDC.
LED Lamps
Rated insulation voltage
600 V
Rated carry current
10 A
Applied voltage
24 V
120 V
240 V
380 V
440 V
AC at 50/60
Hz
Resistive load (AC-12)
10 A
10 A
6 A
2A
2 A
Inductive load (AC-15)
10 A
6 A
3 A
1.9 A
1.6 A
DC
Resistive load (DC-12)
8 A
2.2 A
1.1 A
---
---
Inductive load (DC-13)
4 A
1.1 A
0.55 A
---
---
Rated voltage
Applied voltage
Rated current
6 VAC/DC
6 VAC/DC ±10%
Approx. 11 mA (red, orange, yellow, or blue)
Approx. 5 mA (white or green)
12 VAC/DC
12 VAC/DC ±10%
Approx. 12 mA (red, orange, yellow, or blue)
Approx. 5 mA (white or green)
24 VAC/DC
24 VAC/DC ±10%
Approx. 12 mA (red, orange, yellow, or blue)
Approx. 5 mA (white or green)
100 VAC
100 VAC ±10%
Approx. 2 mA
110 VAC
110 VAC ±10%
120 VAC
100 to 130 VAC
200 VAC
200 VAC ±10%
Approx. 2 mA
220 VAC
220 VAC ±10%
230 VAC
230 VAC ±10%
240 VAC
220 to 250 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com