Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB403D Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS9DB403D
Description  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB403D Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS9DB403D_V01 Datasheet HTML 12Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 13Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 14Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 15Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 16Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 17Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 18Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 19Page - Renesas Technology Corp ICS9DB403D_V01 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ICS9DB403D
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
19
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology
Singapore (1997) Pte. Ltd.
Reg. No. 199707558G
435 Orchard Road
#20-03 Wisma Atria
Singapore 238877
+65 6 887 5505
Europe
IDT Europe, Limited
Prime House
Barnett Wood Lane
Leatherhead, Surrey
United Kingdom KT22 7DE
+44 1372 363 339
© 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated
Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks
or registered trademarks used to identify products or services of their respective owners.
Printed in USA
TM
Revision History
Rev.
Issue Date Description
Page #
I
11/26/2008 Updated SMBus table - Byte0:Byte3.
11
J
2/6/2009
Added Industrial temp. specs and ordering information.
Various
K
7/13/2009
Updated general description and block diagram
1
L
10/7/2009
1. Clarified that Vih and Vil values were for Single ended inputs
2. Added separate Idd values for the 9DB403
3. Added Differential Clock input parameters.
Various
M
1/27/2011
Updated Termination Figure 4
10
N
5/6/2011
1. Update pin 1 pin-name and pin description from VDD to VDDR. This
highlights that optimal peformance is obtained by treating VDDR as in analog
pin. This is a document update only, there is no silicon change.
Various
P
8/27/2012
Updated Vswing conditions to include "single-ended measurement"
5
Q
9/18/2012
Updated Byte 2, bits 1, 2, 5 and 6 per char review. Outputs can be
programmed with Byte 2 to be Stoppable or Free-Run with DIF_Stop pin, not
the OE pins.
12
R
11/1/2012
Updated Input-to-Output Skew max value (Bypass Mode condition only) from
4500ps to 5000ps per latest characterization data.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com