Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR852 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PFR852
Description  FAST RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PFR852 Datasheet(HTML) 2 Page - STMicroelectronics

  PFR852 Datasheet HTML 1Page - STMicroelectronics PFR852 Datasheet HTML 2Page - STMicroelectronics PFR852 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Synbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25°C
VR = VRRM
10
µA
Tj = 100°C
250
VF
Tj = 25°C
IF = 3A
1.25
V
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 1A
PRF 850
→854
150
ns
VR = 30V
diF/dt = - 25A/
µs
PRF 856
200
IRM
Tj = 25°C
IF = 1A
2
A
VR = 30V
diF/dt = -25A/
µs
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j - a)
Junction-ambient*
25
°C/W
* On infinite heatsink with 10mm lead lengh.
THERMAL RESISTANCE
PFR850 -> 856
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com