Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMA-UBA Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A22NZ-RMA-UBA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMA-UBA Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A22NZ-RMA-UBA Datasheet HTML 4Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 5Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 6Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 7Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 8Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 9Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 10Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 11Page - Omron Electronics LLC A22NZ-RMA-UBA Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
A22NN/A22NL
Model Number Structure
Model Number Legend - - - - - Shipped as a set that includes the Operation Unit, LED Lamp, Mounting Collar, and Contact Block.
For information on combinations, refer to Ordering Information on pages 4 to 7.
Model Numbers for Sets
(1)
(2)
(3)
(4)
(5)
A22N Z - BN M - N R A
(1) Type
(2) Bezel Material and Button Shape
(3) Switch Action
(4) Button Transparency and Color
Code
Description
Z
Individual unit
Code
Bezel material
Button shape
BN
Plastic
Flat
BP
Plastic
Projected
BG
Plastic
Full guard
MN
Brushed metal
Flat
MP
Brushed metal
Projected
MG
Brushed metal
Full guard
RN
Shiny metal
Flat
RP
Projected
Code
Description
M
Momentary
A
Alternate
Lighted/non-lighted
Code (4)
Transparency
Button color
Non-lighted
NR
Opaque
Red
NG
Opaque
Green
NY
Opaque
Yellow
NW
Opaque
White
NA
Opaque
Blue
NB
Opaque
Black
Lighted
TR
Transparent
Red
TG
Transparent
Green
TY
Transparent
Yellow
TW
Transparent
White
TA
Transparent
Blue
TO
Transparent
Orange
(5) Degree of Protection
Code
Description
A
IP66, NEMA 4X, NEMA13
■ Specifications: Refer to page 15.
■ Precautions for correct use: Refer to page 23.
■ Dimensions: Refer to page 17.
■ Accessories and tools: Refer to page 13.
Non-lighted
UR
Red
UG
Green
UY
Yellow
UW
White
UA
Blue
UB
Black
Transparent
Transparent
Transparent
Transparent
Transparent
Transparent
TO
Transparent
BM
Plastic
Mushroom
RM
Mushroom
MM
Brushed metal
Mushroom
Shiny metal
Shiny metal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com