Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQ08 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PLQ08
Description  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PLQ08 Datasheet(HTML) 2 Page - STMicroelectronics

  PLQ08 Datasheet HTML 1Page - STMicroelectronics PLQ08 Datasheet HTML 2Page - STMicroelectronics PLQ08 Datasheet HTML 3Page - STMicroelectronics PLQ08 Datasheet HTML 4Page - STMicroelectronics PLQ08 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
Synbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25
°C
VR = VRRM
10
µA
Tj = 100
°C
0.5
mA
VF
Tj = 25
°C
IF = 1A
1.1
V
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°C
IF = 1A
diF/dt = - 50A/
µs
VR = 30V
See figure 12
50
ns
tfr
Tj = 25
°C
IF = 1A
tr = 20ns
Measured at 1.1 x VF
50
ns
RECOVERY CHARACTERISTICS
PLQ 08/PLQ 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com