Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLQ1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PLQ1
Description  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PLQ1 Datasheet(HTML) 1 Page - STMicroelectronics

  PLQ1 Datasheet HTML 1Page - STMicroelectronics PLQ1 Datasheet HTML 2Page - STMicroelectronics PLQ1 Datasheet HTML 3Page - STMicroelectronics PLQ1 Datasheet HTML 4Page - STMicroelectronics PLQ1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLQ 08
PLQ 1
FAST RECOVERY RECTIFIER DIODES
VERY FAST FORWARD AND REVERSE
RECOVERY DIODES
SUITABLE APPLICATION
SWTCHING POWER TRANSISTORS DRIVER
CI R CU ITS
( S E RIE S
DIOD ES
IN
ANTISATURATION CLAMP SPEED UP DIODE
IN DISCRETE DARLINGTON...)
THYRISTORS GATE DRIVER CIRCUITS
HIGH FREQUENCY RECTIFICATION
November 1994
F 126
(Plastic)
Symbol
Parameter
Value
Unit
IFRM
Repetive Peak Forward Current
tp
≤ 20µs
20
A
IF (AV)
Average Forward Current*
Ta = 25
°C
δ = 0.5
1A
IFSM
Surge non Repetitive Forward Current
tp = 10ms
Sinusoidal
20
A
Ptot
Power Dissipation*
Ta = 25
°C
1.7
W
Tstg
Tj
Storage and Junction Temperature Range
- 40 to 125
°C
TL
Maximum Lead Temperature for Soldering during 10s at 4mm
from Case
230
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j - a)
Junction-ambient*
60
°C/W
THERMAL RESISTANCE
Symbol
Parameter
PLQ 08
PLQ 1
Unit
VRRM
Repetitive Peak Reverse Voltage
80
100
V
VRSM
Non Repetitive Peak Reverse Voltage
80
100
V
* On infinite heatsink with 10mm lead length.
1/5


Similar Part No. - PLQ1

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
PLQ1 NJSEMI-PLQ1 Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
More results

Similar Description - PLQ1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com