Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102DA2AL3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # P0102DA2AL3
Description  0.8A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DA2AL3 Datasheet(HTML) 3 Page - STMicroelectronics

  P0102DA2AL3 Datasheet HTML 1Page - STMicroelectronics P0102DA2AL3 Datasheet HTML 2Page - STMicroelectronics P0102DA2AL3 Datasheet HTML 3Page - STMicroelectronics P0102DA2AL3 Datasheet HTML 4Page - STMicroelectronics P0102DA2AL3 Datasheet HTML 5Page - STMicroelectronics P0102DA2AL3 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P01 Series
3/6
ORDERING INFORMATION
OTHER INFORMATION
Note: xx = sensitivity, y = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
P01xxyA 1AA3
P01xxyA
0.2 g
2500
Bulk
P01xxyA 2AL3
P01xxyA
0.2 g
2000
Ammopack
P0102yN 5AA4
P2y
0.12 g
1000
Tape & reel
P0111yN 5AA4
P1y
0.12 g
1000
Tape & reel
P0118yN 5AA4
P8y
0.12 g
1000
Tape & reel
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus lead temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (device mounted on
FR4 with recommended pad layout for SOT-223).
Fig. 3: Relative variation of thermal impedance
junction to ambient versus pulse duration.
P 01 02
D N
1AA3
SENSITIVE
SCR
SERIES
CURRENT: 0.8A
SENSITIVITY:
02: 200µA
11: 25µA
18: 5µA
VOLTAGE:
D: 400V
M: 600V
PACKAGE:
A: TO-92
N: SOT-223
PACKING MODE:
1AA3: TO-92 bulk (preferred)
2AL3: TO-92 ammopack
5AA4: SOT-223 Tape & Reel
Blank
P(W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IT(av)(A)
Tlead or Ttab (°C)
1.1
1.0
0.9
0.7
0.8
0.5
0.6
0.1
0.4
0.3
0.2
0.0
025
50
75
100
125
IT(av)(A)
1.2
1.1
1.0
0.8
0.9
0.6
0.7
0.2
0.5
0.4
0.3
0.1
025
50
75
100
125
0.0
Tamb(°C)
K = [Zth(j-a)/Rth(j-a)]
tp(s)
1.00
0.10
0.01
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com