Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ1663CA Datasheet(PDF) 1 Page - Pro-Power

Part # SQ1663CA
Description  Socket Interlocked Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SQ1663CA Datasheet(HTML) 1 Page - Pro-Power

  SQ1663CA Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
22/10/12
Socket
Interlocked Switch
Features:
• In compliance with EN 60309-1 and EN 60309-2 standards
• Housing, inserts and boxes in self-extinguishing thermoplastic resin, RAL 7035 grey
• Spring cap of the colour of the voltage
• Circuit breaker knob, lockable
• Double mechanical interlock that prevents the switch from being turned on with the plug
removed and prevents the plug from being pulled out while the switch is turned on
• Degree of protection (EN 60529) IP 44
• Suitable for mounting on the FC and FM series enclosures (type without box).
• Complete with cable gland, lock nut and gasket or drill hole to suit
Current
Rating
(A)
Poles
A
B
16
2P +
59
129
3P +
63
133
3P +N +
Description
Part Number
Interlocked Switch Socket 110V
SQ1643CA
Interlocked Switch Socket 240V
SQ1663CA
Interlocked Switch Socket 415V
SQ1664CA
SQ1665CA
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - SQ1663CA

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SQ161N31 JDSU-SQ161N31 Datasheet
148Kb / 4P
Flexible Small Channel Count Switch Module
SQ161N32 JDSU-SQ161N32 Datasheet
148Kb / 4P
Flexible Small Channel Count Switch Module
SQ161N37 JDSU-SQ161N37 Datasheet
148Kb / 4P
Flexible Small Channel Count Switch Module
SQ161N41 JDSU-SQ161N41 Datasheet
148Kb / 4P
Flexible Small Channel Count Switch Module
SQ161N42 JDSU-SQ161N42 Datasheet
148Kb / 4P
Flexible Small Channel Count Switch Module
More results

Similar Description - SQ1663CA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0072 MOLEX11-130112-0072 Datasheet
31Kb / 1P
Suptex Switch Socket
130126-0029 MOLEX11-130126-0029 Datasheet
36Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260028 MOLEX11-1301260028 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260029 MOLEX11-1301260029 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260030 MOLEX11-1301260030 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260031 MOLEX11-1301260031 Datasheet
37Kb / 1P
Watertite Two Button Two Speed Switch, Mechanically Interlocked
1301260028 MOLEX1-1301260028_17 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked, 1 N.O. Contact
1301260029 MOLEX1-1301260029_17 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260030 MOLEX1-1301260030_17 Datasheet
37Kb / 1P
Watertite Two Button Single Speed Switch, Mechanically Interlocked
1301260031 MOLEX1-1301260031_17 Datasheet
37Kb / 1P
Watertite Two Button Two Speed Switch, Mechanically Interlocked, 1 N.O. Contact
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com