Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-DW3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M95040-DW3
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DW3 Datasheet(HTML) 5 Page - STMicroelectronics

  M95040-DW3 Datasheet HTML 1Page - STMicroelectronics M95040-DW3 Datasheet HTML 2Page - STMicroelectronics M95040-DW3 Datasheet HTML 3Page - STMicroelectronics M95040-DW3 Datasheet HTML 4Page - STMicroelectronics M95040-DW3 Datasheet HTML 5Page - STMicroelectronics M95040-DW3 Datasheet HTML 6Page - STMicroelectronics M95040-DW3 Datasheet HTML 7Page - STMicroelectronics M95040-DW3 Datasheet HTML 8Page - STMicroelectronics M95040-DW3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
M95040, M95020, M95010
SUMMARY DESCRIPTION
The M95040 is a 4 Kbit (512 x 8) electrically eras-
able programmable memory (EEPROM), access-
ed by a high speed SPI-compatible bus. The other
members of the family (M95020 and M95010) are
identical, though proportionally smaller (2 and 1
Kbit, respectively).
Each device is accessed by a simple serial inter-
face that is SPI-compatible. The bus signals are C,
D and Q, as shown in Table 2. and Figure 2..
The device is selected when Chip Select (S) is tak-
en Low. Communications with the device can be
interrupted using Hold (HOLD). WRITE instruc-
tions are disabled by Write Protect (W).
Figure 2. Logic Diagram
Figure 3. DIP, SO and TSSOP Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
Table 2. Signal Names
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com