Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCSB0J685 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # TMCSB0J685
Description  Standard Tantalum Chip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

TMCSB0J685 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  TMCSB0J685 Datasheet HTML 1Page - Hitachi Semiconductor TMCSB0J685 Datasheet HTML 2Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V.DC
µF
µA
code
4
3.3
0.06
0.5
A
TMCSA0G335
10
0.06
0.5
B
TMCSB0G106
33
0.06
1.3
C
TMCSC0G336
68
0.06
2.7
E
TMCSE0G686
7
2.2
0.06
0.5
A
TMCSA0J225
6.8
0.06
0.5
B
TMCSB0J685
22
0.06
1.5
C
TMCSC0J226
47
0.06
3.3
E
TMCSE0J476
10
1.5
0.06
0.5
A
TMCSA1A155
4.7
0.06
0.5
B
TMCSB1A475
15
0.06
1.5
C
TMCSC1A156
33
0.06
3.3
E
TMCSE1A336
16
1.0
0.04
0.5
A
TMCSA1C105
3.3
0.06
0.5
B
TMCSB1C335
10
0.06
1.6
C
TMCSC1C106
22
0.06
3.5
E
TMCSE1C226
20
0.68
0.04
0.5
A
TMCSA1D684
2.2
0.06
0.5
B
TMCSB1D225
6.8
0.06
1.4
C
TMCSC1D685
15
0.06
3.0
E
TMCSE1D156
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V.DC
µF
µA
code
25
0.47
0.04
0.5
A
TMCSA1E474
1.5
0.06
0.5
B
TMCSB1E155
4.7
0.06
1.2
C
TMCSC1E475
10
0.06
2.5
E
TMCSE1E106
35
0.1
0.04
0.5
A
TMCSA1V104
0.15
0.04
0.5
A
TMCSA1V154
0.22
0.04
0.5
A
TMCSA1V224
0.33
0.04
0.5
A
TMCSA1V334
0.47
0.04
0.5
B
TMCSB1V474
0.68
0.04
0.5
B
TMCSB1V684
1.0
0.04
0.5
B
TMCSB1V105
1.5
0.06
0.5
C
TMCSC1V155
2.2
0.06
0.8
C
TMCSC1V225
3.3
0.06
1.2
C
TMCSC1V335
4.7
0.06
1.6
E
TMCSE1V475
6.8
0.06
2.4
E
TMCSE1V685
Standard product table - TMCS series
Standard product tables - TMCS series
Marking indication TMCS series
A7A
Anode indication belt mark
Lot indication (for manufacturing in January, 2005)
Simplified code of nominal capacitance (A7 : 10
µF)
Anode indication belt mark
Rated voltage (16V)
Nominal capacitance Volue (10
µF)
10
16A
Lot indication (for manufacturing in January, 2005)
20
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
123456789
10
11
12
2005
A
B
C
D
E
F
G
H
J
K
L
M
2006
N
P
Q
R
S
T
U
V
W
X
Y
Z
2007
a
b
c
d
e
f
g
h
j
k
l
m
2008
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com