Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTP82X36 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # QTP82X36
Description  QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

QTP82X36 Datasheet(HTML) 1 Page - OSRAM GmbH

  QTP82X36 Datasheet HTML 1Page - OSRAM GmbH QTP82X36 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUICKTRONIC
®
®
®
® PROFESSIONAL T8
ECG for T8/
∅
∅
∅
∅26mm fluorescent lamps
QTP8 1x36
QTP8 2x36
Features:
• 50,000 hours lifetime with 10% max. failure rate at tc = 75°C max.
• Up to 100,000 hours lifetime for t = 65°C tc-point
• Reliable lamp ignition between -25°C ...+55°C
• Lamp start with optimised filament preheating within 2 sec.
• Suitable for luminaires of PC I + II
• Constant light output for U
N = 198V ... 264V
• CELMA energy classification EEI = A2
• Automatic safety shut down at lamp failure
• Automatic restart after lamp replacement
• Suitable for emergency installations (DC operation)
Technical data:
Reference
QTP8 1x36
QTP8 2x36
Lamp :
L 36W
L 38W
2 x L 36W
2 x L 38W
HF lamp wattage [W]
32
32
2x32
2x32
System wattage [W]
35
71
Line current [A]
0,16
0,31
Luminous flux at 25°C [lm]
3200
2x3200
Max. cable diameter für IDC
contact [mm
2]
„s
1)“: 0,5; „s-ff2)“: 0,75
Max. cable diameter for push-in
contact [mm
2]
„s
1)“: 0.5...1.0*
Starting time:
t < 2 sec..
Line voltage:
230-240 V
Voltage range (AC):
198-264 V
Voltage range (DC)
154-276 V; min. 198 V for lamp ignition
Line frequency:
50-60 Hz
Operating frequency:
45-60 kHz
Inrush current
Ip = 17 A; TH = 155 µs
Ip = 20 A; TH = 210 µs
Max. number of ECG, circuit
breaker 10A, Char. C
25
17
Max. number of ECG, circuit
breaker 16A Char.B / Char. C
41 / 69
28 / 47
Electrical strength:
300 V
permanent
Power factor:
λ = 0,96
λ = 0,98
Ambient temperature ta:
-25 °C to +55 °C
Measuring point temperature tc:
max. +75 °C
U-OUT
380 V
380 V
Design (l x w x h):
360 x 30 x 30 mm
423 x 30 x 30 mm
Distance mounting holes:
350 mm
415 mm
Weight:
270g
415g
Safety:
acc. to EN 61347-2-3 / IEC 61347-2-3
Radio interference:
acc. to EN 55015 / CISPR 15
Harmonic content:
acc. to EN 61000-3-2 / IEC 61000-3-2
Immunity:
acc.to EN 61547 / IEC 61547
Packaging unit:
20 pieces
Approval marks:
1)
“s” = stranded wire
2)
“s-f” = stranded-flexible wire
Technical information
Edition: September 2006
Subject to change


Similar Part No. - QTP82X36

ManufacturerPart #DatasheetDescription
logo
QANTEK Technology Corpo...
QTP8 QANTEK-QTP8 Datasheet
250Kb / 2P
QTP8 Series
QTP832.76806B10R QANTEK-QTP832.76806B10R Datasheet
250Kb / 2P
QTP8 Series
QTP832.76806B15R QANTEK-QTP832.76806B15R Datasheet
250Kb / 2P
QTP8 Series
QTP832.76806B20R QANTEK-QTP832.76806B20R Datasheet
250Kb / 2P
QTP8 Series
QTP832.76806B5R QANTEK-QTP832.76806B5R Datasheet
250Kb / 2P
QTP8 Series
More results

Similar Description - QTP82X36

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
G4 IPS LED T8 TUBE
PLSO-T8AG5-WXXXX-60 P-TEC-PLSO-T8AG5-WXXXX-60 Datasheet
580Kb / 2P
G5 IPS LED T8 TUBE
logo
Diodes Incorporated
AN75 DIODES-AN75 Datasheet
552Kb / 12P
High Power Factor LED Replacement T8 Fluorescent Tube
JANUARY 2011
logo
P-tec Corporation
E48I P-TEC-E48I Datasheet
765Kb / 8P
E48i T8 LED Tube
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
Molex Electronics Ltd.
130190-0051 MOLEX11-130190-0051 Datasheet
38Kb / 1P
Ballast 15W T8 120V 50HZ
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
T5/T8 series LED fluorescent tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com