Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RL Datasheet(PDF) 7 Page - STMicroelectronics

Part # PSD211RL
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PSD211RL Datasheet HTML 3Page - STMicroelectronics PSD211RL Datasheet HTML 4Page - STMicroelectronics PSD211RL Datasheet HTML 5Page - STMicroelectronics PSD211RL Datasheet HTML 6Page - STMicroelectronics PSD211RL Datasheet HTML 7Page - STMicroelectronics PSD211RL Datasheet HTML 8Page - STMicroelectronics PSD211RL Datasheet HTML 9Page - STMicroelectronics PSD211RL Datasheet HTML 10Page - STMicroelectronics PSD211RL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
PSD211R Family
4
3.0
Key Features
t Low cost programmable microcontroller peripheral
t 256Kb of UV EPROM with the following features:
• Configurable as 32 K x 8
• Divided into eight equally-sized mappable blocks for optimized address mapping
• As fast as 70 ns access time, which includes address decoding
t 19 I/O pins that can be individually configured for :
• Microcontroller I/O port expansion
• Programmable Address decoder (PAD) I/O
• Latched address output
t Two Programmable Arrays (PAD A and PAD B) replace your discrete PLD or decoder
and have the following features:
• Up to 13 Inputs and 24 outputs
• 36 Product terms (9 for PAD A and 27 for PAD B)
• Ability to decode up to 1 MB of address
t Microcontroller logic that eliminates the need for external “glue logic” has the following
features:
• Ability to interface to multiplexed buses
• Built-in address latches for multiplexed address/data bus
• ALE and Reset polarity are programmable (Reset polarity not programmable
on V-versions)
• Multiple configurations are possible for interface to many different microcontrollers
t Programmable power management with standby current as low as 1µA
(V versions only)
• CMiser bit—programmable option to reduce AC power consumption in memory
• Turbo Bit (ZPSD only)—programmable bit to reduce AC and DC power consumption
in the PADs
t Built-in security locks the device and PAD decoding configuration
t Wide Operating Voltage Range
• V-versions: 2.7 to 5.5 volts
• Others: 4.5 to 5.5 volts
t Available in a variety of packaging (44-pin PLDCC, CLDCC, and PQFP)
t Simple, menu-driven software (PSDsoft) allows configuration and design entry on a PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com