Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4XX Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 48Page - STMicroelectronics PSD4XX Datasheet HTML 49Page - STMicroelectronics PSD4XX Datasheet HTML 50Page - STMicroelectronics PSD4XX Datasheet HTML 51Page - STMicroelectronics PSD4XX Datasheet HTML 52Page - STMicroelectronics PSD4XX Datasheet HTML 53Page - STMicroelectronics PSD4XX Datasheet HTML 54Page - STMicroelectronics PSD4XX Datasheet HTML 55Page - STMicroelectronics PSD4XX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
PSD4XX Family
49
PSD4XX Family
9.3.3 Address Out
For microcontrollers with a multiplexed address/data bus, the I/O ports in Address-Out
mode are able to provide latched address outputs (A0 – A15) to external devices. This
mode of operation requires the user to:
t Configuration
1. Declare the pins used as address line outputs in the ABEL file (PSDsoft).
2. Write “0” to the corresponding bit in the Control Register associated with each
I/O port.
3. Set the Direction Register to Output Mode.
9.3.4 Address In
There are two Address In modes:
1. For Port A - as other address line (A2-A7 and A16-A23) inputs to the DPLD. Additional
address inputs included in the EPROM decoding must come from Port A. The address
inputs are latched internally by ALE/AS if Multiplexed Bus is specified in PSDsoft.
2. For Ports C and D – as address inputs to the ZPLD for general decoding,
should not be used in EPROM decoding.
t Configuration
1. Declare pins or signals used as Address In in the ABEL file (PSDsoft).
2. Write latch equations in the .ABL file, e.g., A16.LE = ALE.
3. Include latched address in logic equations.
9.3.5 Data Port
In this mode, the port is acting as a data bus port for a microcontroller which has a
non-multiplexed address/data bus. The Data Port is connected to the data bus of the
microcontroller and the ADIO port is connected to the address bus.
t Configuration
Select the non-multiplexed bus option in PSD configuration (PSDsoft).
9.3.6 Alternate Function In
This mode is per-pin configurable and enables the user to define pin PE7 of Port E as
Automatic Power Down (APD) CLK input.
t Configuration
1. Select input functions in PSD configuration.
2. PSD Compiler assigns pins for the selected options.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com