Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102DN2AL3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # P0102DN2AL3
Description  0.8A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN2AL3 Datasheet(HTML) 4 Page - STMicroelectronics

  P0102DN2AL3 Datasheet HTML 1Page - STMicroelectronics P0102DN2AL3 Datasheet HTML 2Page - STMicroelectronics P0102DN2AL3 Datasheet HTML 3Page - STMicroelectronics P0102DN2AL3 Datasheet HTML 4Page - STMicroelectronics P0102DN2AL3 Datasheet HTML 5Page - STMicroelectronics P0102DN2AL3 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P01 Series
4/6
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5:Relative variation of holding current versus
gate-cathode resistance (typical values).
Fig. 6: Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values).
Fig. 8:
Surge peak on-state current versus
number of cycles.
Fig. 9:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding value of I²t.
IGT, IH, IL[Tj] / IGT, IH, IL[T] = 25°C
6
5
4
3
2
1
0
0
-20
-40
20
40
60
80
100
120
140
Tj(°C)
IH[Rgk]/IH[Rgk=1k ]
Ω
Rgk(k
Ω)
0.4
0.6
0.8
1.0
0.2
1.6
1.8
2.0
1.2
1.4
dV/dt[Rgk] / dV/dt[Rgk=1k ]
Ω
Rgk(k
Ω)
0
0.1
1.0
10.0
dV/dt[Cgk] / dV/dt[Rgk=1k ]
Ω
2
1
03
4
5
6
7
0
2
4
6
8
10
Cgk(nF)
1
10
100
1000
0
1
2
3
4
5
6
7
8
ITSM(A)
Non repetitive
Tj initial=25°C
Tamb=25°C
Repetitive
Numberofcycles
Onecycle
tp=10ms
ITSM(A), I t(A s)
22
100.0
10.0
1.0
0.1
0.01
0.10
1.00
10.00
tp(ms)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com