Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EH67 Datasheet(PDF) 1 Page - Pro-Signal

Part # EH67
Description  Necklace Style Stereo Earphones
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

EH67 Datasheet(HTML) 1 Page - Pro-Signal

  EH67 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Response
18Hz - 20kHz
Lead Length
1.2m
Impedance
16 Ω
Connector Type
3.5 mm Stereo Plug
Driver Diameter
9mm
Weight
15g
Price Each
Order Code
127-7626
Necklace Style Stereo Earphones
447632.433413
Ì Necklace style earphones designed ofr
use with MP3 players
Ì Ear-fitting noise reduction sleeve
Ì In ear design for superior acoustics
Ì Detachable holder


Similar Part No. - EH67

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
EH60 MICROSEMI-EH60 Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE MODULES
EH6002B MICROSEMI-EH6002B Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE MODULES
EH6004B MICROSEMI-EH6004B Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE MODULES
EH6006B MICROSEMI-EH6006B Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE MODULES
EH6008B MICROSEMI-EH6008B Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE MODULES
More results

Similar Description - EH67

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
503700-0100 MOLEX-503700-0100 Datasheet
937Kb / 2P
Evaldi Earphones With Airstream Features for Superior Sound Control
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
Style CS1 and Style CW
logo
Tripp Lite. All Rights ...
B136004 TRIPPLITE-B136004 Datasheet
499Kb / 2P
4-Port Component Video plus Stereo Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter
logo
Tensility International...
50-00034 TENSILITY-50-00034 Datasheet
338Kb / 2P
Connector, stereo plug, 2.5xL24 mm, brass, nickel plated, molding style
50-00035 TENSILITY-50-00035 Datasheet
350Kb / 2P
Connector, stereo jack, 2.5xL20.6 mm, brass, nickel plated, molding style
50-00038 TENSILITY-50-00038 Datasheet
342Kb / 2P
Connector, stereo plug, 3.5xL26.5 mm, brass, nickel plated, molding style
50-00039 TENSILITY-50-00039 Datasheet
356Kb / 3P
Connector, stereo jack, 3.5x8.0xL24.4 mm, brass, nickel plated, molding style
50-00092 TENSILITY-50-00092 Datasheet
344Kb / 2P
Connector, stereo plug, 2.5xL21.5 mm, brass, nickel plated, molding style
50-00125 TENSILITY-50-00125 Datasheet
257Kb / 2P
Connector, stereo jack, 3.5xL20 mm, molding style
logo
Taoglas antenna solutio...
FXP75.07.0045B TAOGLAS-FXP75.07.0045B Datasheet
578Kb / 11P
Ideal for Bluetooth earphones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com