Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31082R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31082R
Description  BT Style Plug to Double Adaptor Extension Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31082R Datasheet(HTML) 1 Page - Pro-Signal

  31082R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Per Kit
Description
Order Code
3m
133-5122
5m
133-5123
10m
133-5124
BT Style Plug to Double Adaptor
Extension Leads
Ì 4 way extension lead that converts a single BT socket to double
Ì Available up to 10 metres
416014.409290


Similar Part No. - 31082R

ManufacturerPart #DatasheetDescription
logo
Weidmuller
3108240000 WEIDMULLER-3108240000 Datasheet
446Kb / 7P
BLF 3.50/10/180F SN BK BX SO
More results

Similar Description - 31082R

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
0015P1-2-006K TALEMA-0015P1-2-006K Datasheet
252Kb / 1P
15VA Encapsulated Style, with Leads
0050P1-2-006K TALEMA-0050P1-2-006K Datasheet
252Kb / 1P
50VA Encapsulated Style, with Leads.
0120P2-2-012 TALEMA-0120P2-2-012 Datasheet
250Kb / 1P
120VA Open Style, with Leads.
0300P1-2-025K TALEMA-0300P1-2-025K Datasheet
245Kb / 1P
300VA Encapsulated Style, with Leads.
0050P1-2-006 TALEMA-0050P1-2-006 Datasheet
250Kb / 1P
50VA Open Style, with Leads
0120P1-2-012 TALEMA-0120P1-2-012 Datasheet
245Kb / 1P
120VA Open Style, with Leads
0500P1-2-025K TALEMA-0500P1-2-025K Datasheet
256Kb / 1P
500VA Encapsulated Style, with Leads
0500P1-2-030K TALEMA-0500P1-2-030K Datasheet
254Kb / 1P
500VA Encapsulated Style, with Leads
0800P1-2-040 TALEMA-0800P1-2-040 Datasheet
243Kb / 1P
800VA Open Style, with Leads
0800P2-2-040 TALEMA-0800P2-2-040 Datasheet
247Kb / 1P
800VA Open Style, with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com