Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31012WR Datasheet(PDF) 1 Page - Pro-Signal

Part # 31012WR
Description  Telephone Handset Cords Coiled Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31012WR Datasheet(HTML) 1 Page - Pro-Signal

  31012WR Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Order Code
Black
1.5m (5ft)
133-5125
3.0m (10ft)
133-5126
6.4m (21ft)
133-5127
White
1.5m (5ft)
133-5128
3.0m (10ft)
133-5129
6.4m (21ft)
133-5130
Telephone Handset Cords Coiled Cable
Ì Replacement coiled handset leads
Ì Terminated in RJ10 (4P4C) plugs
Ì Available in a variety of lengths
Ì Option of Black or White
416017.409082


Similar Part No. - 31012WR

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
31012W PROSIGNAL-31012W Datasheet
122Kb / 1P
Shinn Thon UK Ltd 1st Floor, 223 Dalton Road, Barrow in Furness, Cumbria.
More results

Similar Description - 31012WR

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
Adam Technologies, Inc.
MTJP-616P-X-A2-2 ADAM-TECH-MTJP-616P-X-A2-2 Datasheet
99Kb / 1P
HANDSET TELEPHONE JACK
MTJP-648-K6-X-C5-1 ADAM-TECH-MTJP-648-K6-X-C5-1 Datasheet
116Kb / 1P
HANDSET TELEPHONE JACK
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530_14 Datasheet
109Kb / 2P
Portable Fire Fighter?셲 Telephone Handset and Cabinet
logo
List of Unclassifed Man...
ES1500A ETC2-ES1500A Datasheet
457Kb / 2P
This additional handset has been designed to operate with the ES1510A telephone system
logo
Tripp Lite. All Rights ...
U022-010-COIL TRIPPLITE-U022-010-COIL Datasheet
160Kb / 2P
USB 2.0 A/B Coiled Cable (M/M), 10 ft.
logo
Bel Fuse Inc.
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com