Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31022R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31022R
Description  Telephone Extension Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31022R Datasheet(HTML) 1 Page - Pro-Signal

  31022R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
4 Way (431A)
3m
133-5111
5m
133-5112
10m
133-5113
15m
133-5114
20m
133-5115
6 Way (631A)
3m
133-5116
5m
133-5117
10m
133-5118
15m
133-5119
20m
133-5120
Telephone Extension Leads
Ì BT style plug to socket extension leads
Ì 4 and 6 way available
Ì Supplied in a variety of lengths
Ì Available in White
Ì Manufactured using flat cable
416012.409086


Similar Part No. - 31022R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
3102 GILWAY-3102 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3102 ETC2-3102 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3102 HEYCO-3102 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Infinite Electronics In...
3102 L-COM-3102 Datasheet
70Kb / 1P
N-FEMALE BULKHEAD CRIMP CONNECTOR FOR LMR100
10/31/13
More results

Similar Description - 31022R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
30-9514 ETC2-30-9514 Datasheet
269Kb / 1P
TELEPHONE CORD
logo
Adam Technologies, Inc.
MTJ-64HX1 ADAM-TECH-MTJ-64HX1 Datasheet
131Kb / 1P
TELEPHONE JACK
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
logo
Festo Corporation.
538436 FESTO-538436 Datasheet
85Kb / 1P
Muffler extension
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
logo
List of Unclassifed Man...
U-174-U ETC1-U-174-U Datasheet
148Kb / 1P
TELEPHONE PLUG
C
logo
Pepperl+Fuchs Inc.
LB9025BP08100.1 PF-LB9025BP08100.1 Datasheet
689Kb / 2P
Extension Backplane
2021-12-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com