Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWB10 Datasheet(PDF) 1 Page - Pro-Signal

Part # MWB10
Description  Yellow 12-10 AWG Female Disconnect
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

MWB10 Datasheet(HTML) 1 Page - Pro-Signal

  MWB10 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
03/04/20
Yellow 12-10 AWG
Female Disconnect
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Available partially nylon insulated
• 100 per package
Specifications:
Insulator Colour
: Yellow
Insulator Material
: Nylon (Polyamide)
Terminal Type
: Female Quick Disconnect
Wire Size AWG Max
: 10AWG
Wire Size AWG Min
: 12AWG
Part Number Table
Description
Part Number
Yellow 12-10 AWG 0.25″ Female Disconnect
28-6008
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - MWB10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MWB ETC-MWB Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
MWB-1.2 ETC-MWB-1.2 Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
MWB-10 ETC-MWB-10 Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
MWB-160 ETC-MWB-160 Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
MWB-2.5 ETC-MWB-2.5 Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
More results

Similar Description - MWB10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190050015 MOLEX4-0190050015 Datasheet
111Kb / 3P
InsulKrimp??Fully Insulated Female Quick Disconnect for 10-12 AWG Wire
0196060002 MOLEX4-0196060002 Datasheet
222Kb / 3P
InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Box
0196060003 MOLEX4-0196060003 Datasheet
222Kb / 3P
InsulKrimp??Female Quick Disconnect for 10-12 AWG Wire, Mylar Tape
0196060005 MOLEX4-0196060005 Datasheet
120Kb / 2P
Avikrimp?줖ully Insulated Quick Disconnect, Female, for 10-12 AWG Wire, Box
0190050014 MOLEX4-0190050014 Datasheet
110Kb / 3P
InsulKrimp??Fully Insulated Female Quick Disconnect for 10-12 AWG WireContinuous Molded Strip
0196060006 MOLEX4-0196060006 Datasheet
120Kb / 2P
Avikrimp?줖ully Insulated Quick Disconnect, Female, for 10-12 AWG Wire, Mylar Tape
logo
Hubbell Incorporated.
FL1025X03D HUBBELL-FL1025X03D Datasheet
263Kb / 2P
Brass Flag Style Female Quick Disconnect, 12-10 AWG, Tin Plated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
Yellow Female Disconnect, #12 - 10 AWG
YHSFQ10F25X03RK HUBBELL-YHSFQ10F25X03RK Datasheet
260Kb / 2P
Heat Shrink Fully Insulated Female Quick Disconnect For 12 - 10 AWG.
YHSQ10F25X03RK HUBBELL-YHSQ10F25X03RK Datasheet
260Kb / 2P
Heat Shrink Female Quick Disconnect For 12 - 10 AWG.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com